Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91302A/V301A Datasheet(PDF) 21 Page - Fuji Electric

Part # MB91302A/V301A
Description  32-Bit Proprietary Microcontroller
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB91302A/V301A Datasheet(HTML) 21 Page - Fuji Electric

Back Button MB91302A/V301A Datasheet HTML 17Page - Fuji Electric MB91302A/V301A Datasheet HTML 18Page - Fuji Electric MB91302A/V301A Datasheet HTML 19Page - Fuji Electric MB91302A/V301A Datasheet HTML 20Page - Fuji Electric MB91302A/V301A Datasheet HTML 21Page - Fuji Electric MB91302A/V301A Datasheet HTML 22Page - Fuji Electric MB91302A/V301A Datasheet HTML 23Page - Fuji Electric MB91302A/V301A Datasheet HTML 24Page - Fuji Electric MB91302A/V301A Datasheet HTML 25Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 135 page
background image
MB91301 Series
21
(Continued)
Type
Circuit
Remarks
T
•N-ch open-drain output
•CMOS level I/O with standby control
•Without pull-up control
•IOL = 4 mA
U
•CMOS level output
•CMOS level hysteresis input
with standby control
•5 V tolerant
•IOL = 4 mA
V
•CMOS level output
•CMOS level hysteresis input
with standby control
•5 V tolerant
•IOL = 4 mA
N-ch
P-ch
P-ch
Digital input
Digital output
Pull-up control
Digital output with
open-drain control
P-ch
N-ch
Digital input
Digital output
Digital output
P-ch
N-ch
Digital input
Digital output
Digital output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com