Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91302A Datasheet(PDF) 9 Page - Fuji Electric

Part # MB91302A
Description  32-Bit Proprietary Microcontroller
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB91302A Datasheet(HTML) 9 Page - Fuji Electric

Back Button MB91302A Datasheet HTML 5Page - Fuji Electric MB91302A Datasheet HTML 6Page - Fuji Electric MB91302A Datasheet HTML 7Page - Fuji Electric MB91302A Datasheet HTML 8Page - Fuji Electric MB91302A Datasheet HTML 9Page - Fuji Electric MB91302A Datasheet HTML 10Page - Fuji Electric MB91302A Datasheet HTML 11Page - Fuji Electric MB91302A Datasheet HTML 12Page - Fuji Electric MB91302A Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 135 page
background image
MB91301 Series
9
■ PIN DESCRIPTIONS
• Except for Power supply, GND, and Tool pins
(Continued)
Pin no.
Pin name
I/O circuit
type
Function
MB91302A
MB91V301A
132 to 139
166 to 169,
172 to 175
D00 to D07
J
External data bus bits 0 to 7. It is available in the
external bus mode.
P00 to P07
Can be used as ports in 8-bit or 16-bit external bus
mode.
142 to 144,
1 to 5
178 to 180, 2,
5 to 8
D08 to D15
J
External data bus bits 8 to 15.
It is available in the external bus mode.
P10 to P17
Can be used as ports in 8-bit or 16-bit external bus
mode.
8 to 15
11 to 18
D16 to D23
J
External data bus bits 16 to 23.
It is available in the external bus mode.
P20 to P27
Can be used as ports in 8-bit external bus mode.
18 to 25
21 to 24,
27 to 30
D24 to D31
C
External data bus bits 24 to 31.
It is available in the external bus mode.
28
33
RDY
J
External ready input. The pin has this function when
external ready input is enabled.
P80
General purpose input/output port. The pin has this
function when external ready input is disabled.
29
34
BGRNT
J
Acknowledge output for external bus release.
Outputs "L" when the external bus is released. The
pin has this function when output is enabled.
P81
General purpose input/output port. The pin has this
function when output is disabled for external bus
release acknowledge.
30
35
BRQ
J
External bus release request input. Input "1" to
request release of the external bus. The pin has this
function when input is enabled.
P82
General purpose input/output port. The pin has this
function when the external bus release request
input is disabled.
31
36
RD
C
External bus read strobe output.
32
37
WR0/ (UUB) /
DQMUU
C
External bus write strobe output. When WR is used
as the write strobe, this becomes the byte-enable
pin (UUB).
Select signal (DQMUU) of D31 to D24 at using of
SDRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com