Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF862 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF862
Description  N-channel junction FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF862 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF862 Datasheet HTML 1Page - NXP Semiconductors BF862 Datasheet HTML 2Page - NXP Semiconductors BF862 Datasheet HTML 3Page - NXP Semiconductors BF862 Datasheet HTML 4Page - NXP Semiconductors BF862 Datasheet HTML 5Page - NXP Semiconductors BF862 Datasheet HTML 6Page - NXP Semiconductors BF862 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1999 Jun 29
2
Philips Semiconductors
Preliminary specification
N-channel junction FET
BF862
FEATURES
• High transition frequency for excellent sensitivity in
AM car radios
• High transfer admittance.
APPLICATIONS
• Pre-amplifiers in AM car radios.
DESCRIPTION
Silicon N-channel symmetrical junction field-effect
transistor in a SOT23 package.
Drain and source are interchangeable.
PINNING SOT23
PIN
DESCRIPTION
1
source
2drain
3
gate
Fig.1 SOT23.
handbook, halfpage
MSB003
Top view
12
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
20
V
VGS (off)
gate-source cut-off voltage
−−0.7
−
V
IDSS
drain-source current
10
−
25
mA
Ptot
total power dissipation
Ts
≤ 92 °C
−−
225
mW
|yfs|
transfer admittance
30
40
−
mS
Tj
junction temperature
−−
150
°C
CAUTION
This product is supplied in anti-static packing to prevent damage caused by electrostatic discharge during transport
and handling. For further information, refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A and SNW-FQ-302B.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com