Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C23L-AF5-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 88C23L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C23L-AF5-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 88C23L-AF5-R Datasheet HTML 2Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 9Page - Unisonic Technologies 88C23L-AF5-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6
www.unisonic.com.tw
QW-R502-040,A
TEST CIRCUITS
88CXX
Series
VDD
Vss
CD
VDD
(1)
OUT
VDD
88CXX
Series
VDD
Vss CD
OUT
88CXX
Series
VDD
Vss CD
VDD
(4)
OUT
(2)
88CXX
Series
VDD
Vss CD
VDD
(3)
OUT
VDS
ISS
IOUT
VDD+VDS
IOUT
(a):VIH=6V, VIL=0.80V
(b):VIH=10V, VIL=0.95V
VIH
VIL
Vss
Input Voltage
Output Voltage
1µ
td
VDD ×90%
88CXX
Series
VDD
Vss
CD
P.G.
(5)
OUT
Oscilloscope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com