Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C26L-AF5-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # 88C26L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C26L-AF5-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button 88C26L-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 9Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 10Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 11Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 12Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 13Page - Unisonic Technologies 88C26L-AF5-R Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10
www.unisonic.com.tw
QW-R502-040,A
Cautions
*The open of CD terminal may cause double pulses shown in Figure 8 at release. If the double pulses cause a
trouble, attach 10pF or larger capacitor to the CD terminal. Do not apply the voltage to the CD terminal.
Time
Figure 8
*Layout the print circuit board not to apply or flow out the current to/from the CD terminal. Doing not so may cause
inaccurate delay time.
*Use an external capacitor, CD of which leakage current can be ignored for the built-in constant-current value. A
leakage current may cause an error of delay time. Also, a leakage current over the built-in constant-current
causes unrelease status.
3. Other characteristics
(1) Temperature characteristic of detection voltage.
The temperature characteristics of the detection voltage are expressed by the oblique line parts in Figure 9.
1.500
-40
25
85
-VDET (V)
+0.54mV/℃
-0.54mV/℃
Ta(℃)
Figure 9
(2) Temperature characteristics of release voltage
The temperature factor (
) of the release voltage is calculated by the temperature factor of the
detection voltage as follows:
∆ + V DET
∆ Ta
+ VDET
- VDET
∆ - V DET
∆ Ta
=
×
The temperature factor of the release voltage has a same sign characteristics as the temperature factor of the
detection voltage.
(3) Temperature characteristics of hysteresis voltage
The temperature characteristics of hysteresis voltage (
-
) is calculated as follows:
Δ
+VDEF
Δ
Ta
Δ
-VDEF
Δ
Ta
Δ
+VDEF
Δ
Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com