Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-STACK300-R Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # W-STACK300-R
Description  WISE-PaaS On-Premises Deployment with 6 Advantech Industrial Rackmount Servers (integrated in a rack)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

W-STACK300-R Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  W-STACK300-R Datasheet HTML 1Page - Advantech Co., Ltd. W-STACK300-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
WISE-STACK 300
Order Information
Part Number
WISE-PaaS package
IaaS
Server
Switch
PDU
W-STACK300-R
Advanced
OpenStack
HCI node x (3)
Controller node x (3)
24 port 10GbE x (2)
240V, 32A, 7KVA PDU
W-STACK300-F
Advanced
OpenStack
HCI node x (3)
Controller node x (3)
48 port 10GbE x (2)
350V, 32A, 11KVA PDU
Accessories
Part Number
Description
36OSCBEL0001E1
1 year OpenStack service subscription package
980GENCSS40
WISE-PaaS technical support and consult
980GENSTK00
WISE-STACK related software services and support
Optional Accessories
Part Number
Description
980GWCSSI01
2 years AI Framework Service technical support
subscription



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com