Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W-STACK600-R Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # W-STACK600-R
Description  WISE-PaaS On-Premises Deployment with 10 Advantech Industrial Rackmount Servers (integrated in a rack)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

W-STACK600-R Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  W-STACK600-R Datasheet HTML 1Page - Advantech Co., Ltd. W-STACK600-R Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
WISE-STACK 600
ƒ Advanced computing and storage
ƒ GPU accelerated AI training & inference
ƒ Agile resource management
ƒ IT self-service and IT backup support
ƒ Foundation of heterogeneous IT integration
ƒ WISE-PaaS/Dashboard
ƒ WISE-PaaS/OTA
ƒ WISE-PaaS/APM
ƒ WISE-PaaS/AFS
WISE-PaaS On-Premises Deployment
with 10 Advantech Industrial Rackmount
Servers (integrated in a rack)
Introduction
WISE-STACK Private Cloud is an industrial-grade private cloud solution launched by Advantech based on the WISE-PaaS data application platform. It solves the huge data management
and application issues brought about by the coming AIoT era. WISE-PaaS data application platform provides multiple application framework services from data collection and analysis
to visual presentation, plus a variety of integrations specifically designed for industrial customers. WISE-STACK Private Cloud allows you to quickly compose solutions to fit your
business scenarios.
WISE-STACK Private Cloud is deployed in your enterprise as a private cloud, with the computing and storage capabilities of a small data center, which makes it highly suitable for
customers who value the following characteristics:
ƒ Private and secure knowledge in a special proprietary field i.e., the company's local proprietary cloud installed to ensure that data does not leak.
ƒ Real-time applications with large amounts of data i.e., reducing the network delay and bandwidth limitations of big data.
ƒ Uninterrupted High Availability (HA) i.e., not shutting down the entire cloud application due to a single component, or service downtime.
ƒ Quicker implementation times for running AIoT solutions in public clouds i.e., lowering the entry threshold to help customers quickly deploy smart manufacturing, medical care,
buildings, cities, and smart energy and environment solutions!
WISE-STACK represents the sensible long-term ROI solution.
Specifications
System PN
W-STACK600-R
Form factor
42U rack
WISE-PaaS Services
WISE-PaaS/EnSaaS K8s Service
WISE-PaaS/EnSaaS DB Services
WISE-PaaS/EnSaaS IoT Hub
WISE-PaaS/DataHub
WISE-PaaS/Notification
WISE-PaaS/Dashboard
WISE-PaaS/SaaS Composer
WISE-PaaS/InsightAPM
WISE-PaaS/Microservice Framework
WISE-PaaS/AIFS with Dedicated GPU Node
WISE-PaaS/OTA 2.
IaaS Services
OpenStack, support full function multitenancy, HA, Flexibility and elastic
Computing Resources
vCPU: 240 cores
Memory: 1.5 TB
Storage: 64 TB
Server Configuration in rack
HCI node x (6)
Controller node x (3)
48 port 10GbE switch x (2)
Integrated in a rack
Power
Power Supply
11KVA PDU
Input
AC 350 V, 32A
Consumption
MAX: 9500 Watt, Average: 5000 Watt
Environment
Operating Temperature
0 ~ 40 °C (32 ~ 104 °F)
Non-Operating Temperature
-20 ~ 60 °C (-40 ~ 140 °F) and 40 °C @ 5~95% RH Non-Condensing
Vibration Resistance
With SATA HDD: 0.5 Grms, IEC 60068-2-64, 5-500Hz, 1hr/axis
Shock Protection
With SATA HDD: 10G, IEC-60068-2-27, half sine, 11ms duration
Mechanical
Dimensions (W x H x D)
600 x 1990 x 1100 mm , 23.6 x 78.3 x 11.8 inch
Weight
About 320.3 kg
Server Expansion slots
(HCI node)
1 PCI-E Gen3 x16 (FH/FL) + 4 PCI-E Gen3 x8 (LP) + 1 PCI-E Gen3 x16 OCP 2.0 NIC
OS Support in VM
Linux (CentOS7.6, Ubuntu 18.4, etc.)
Windows Server
All product specifications are subject to change without notice.
Last updated: 10-Aug-2020


Similar Part No. - W-STACK600-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
W-STACK200 ADVANTECH-W-STACK200 Datasheet
687Kb / 2P
WISE-PaaS On-Premises Deployment with 3 Advantech Industrial Rackmount Servers (no rack version)
5-May-2022
W-STACK300-F ADVANTECH-W-STACK300-F Datasheet
198Kb / 2P
WISE-PaaS On-Premises Deployment with 6 Advantech Industrial Rackmount Servers (integrated in a rack)
10-Aug-2020
W-STACK300-R ADVANTECH-W-STACK300-R Datasheet
198Kb / 2P
WISE-PaaS On-Premises Deployment with 6 Advantech Industrial Rackmount Servers (integrated in a rack)
10-Aug-2020
More results

Similar Description - W-STACK600-R

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-P10 ADVANTECH-SQF-P10 Datasheet
314Kb / 1P
Advantech Industrial CompactFlash
SQF-UDM ADVANTECH-SQF-UDM Datasheet
336Kb / 1P
Advantech Industrial USB DOM Industrial bNAND USB DOM
logo
List of Unclassifed Man...
S7076 ETC2-S7076 Datasheet
1Mb / 2P
Rack-optimized dual-socket server implmentation for CSP deployment
S7086 ETC2-S7086 Datasheet
850Kb / 2P
Rack-optimization dual-socket server implmentation for CSP deployment
logo
Moxa Inc.
NE-4100-ST MOXA-NE-4100-ST Datasheet
487Kb / 2P
10/100 Mbps embedded serial device servers with a starter kit
logo
Advantech Co., Ltd.
EKI-9728G-4X8CI ADVANTECH-EKI-9728G-4X8CI Datasheet
591Kb / 2P
Industrial Rackmount L3 Managed Switch with AC/DC
27-Jun-2018
EKI-9228G-8CMI ADVANTECH-EKI-9228G-8CMI Datasheet
515Kb / 2P
Industrial Rackmount L2 Managed Switch with 48 VDC
27-Jun-2018
WISE-EDGELINK ADVANTECH-WISE-EDGELINK Datasheet
724Kb / 15P
WISE-EdgeLink
Jan. 26,2022 v1.0
WISE-STACK-200 ADVANTECH-WISE-STACK-200 Datasheet
687Kb / 2P
WISE-PaaS On-Premises Deployment with 3 Advantech Industrial Rackmount Servers (no rack version)
5-May-2022
WISE-STACK-300 ADVANTECH-WISE-STACK-300 Datasheet
198Kb / 2P
WISE-PaaS On-Premises Deployment with 6 Advantech Industrial Rackmount Servers (integrated in a rack)
10-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com