Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OF-F8HS18AS Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # OF-F8HS18AS
Description  Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OF-F8HS18AS Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  OF-F8HS18AS Datasheet HTML 1Page - Nel Frequency Controls,inc OF-F8HS18AS Datasheet HTML 2Page - Nel Frequency Controls,inc OF-F8HS18AS Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635E
Specifications:
Product Data Sheet
Features
• SC-cut crystal
• High Stability (up to ± 5x10
-9
)
• Low Aging (5x10
-10
/day, 5x10
-8
/year)
• Low Phase Noise (-160 dBc/Hz, TYP, floor)
• Sine Wave or HCMOS/TTL output
• 4.8 MHz to 160 MHz Frequencies Available
Applications
• Telecommunication Systems
• Data Communications
• GPS
• Instrumentation
OF-X8HXXXXX Series
Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
OUTPUT
10K
Vref
2
4
DUT
5
Vc
Vcc
1
3
1
2
3
4
5
1.0 (25,4 mm)
0.87 (22,0 mm)
0.41 (10.5 mm)
0.1 (2,5 mm)
0.1 (2,5 mm)
0.70 (17,8 mm)
1
2
3
4
5
A
B
0.2 (5 mm)


Similar Part No. - OF-F8HS18AS

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OF-0BAV1B NEL-OF-0BAV1B Datasheet
46Kb / 3P
UHF SMD TCVCXO
OF-0BAV1C NEL-OF-0BAV1C Datasheet
46Kb / 3P
UHF SMD TCVCXO
OF-0BAV1D NEL-OF-0BAV1D Datasheet
46Kb / 3P
UHF SMD TCVCXO
OF-0BAV1E NEL-OF-0BAV1E Datasheet
46Kb / 3P
UHF SMD TCVCXO
OF-0BAV2B NEL-OF-0BAV2B Datasheet
46Kb / 3P
UHF SMD TCVCXO
More results

Similar Description - OF-F8HS18AS

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4550 VECTRON-C4550 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4500 VECTRON-C4500 Datasheet
233Kb / 5P
OCXO Surface Mount Package Optional AT-Cut and SC-Cut Crystal Options
C4530 VECTRON-C4530 Datasheet
243Kb / 6P
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4600 VECTRON-C4600 Datasheet
146Kb / 4P
OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
Precision SC-cut OCXO in 20x20 mm Through Hole Package
OD-X8JXXXXX NEL-OD-X8JXXXXX Datasheet
38Kb / 3P
Precision, Low Power Consumption, Fast Warm-up SC-cut OCXO in 20x20 mm Through Hole Package
OE-X8HXXXXX NEL-OE-X8HXXXXX Datasheet
40Kb / 3P
Precision SC-cut OCXO in 36x27 mm ?쏣uropack?
OGX8HXXXXX NEL-OGX8HXXXXX Datasheet
44Kb / 3P
Precision SC-cut OCXO in 1?쓝1??Through Hole Package
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
AXIOM145ULN AXTAL-AXIOM145ULN Datasheet
109Kb / 4P
Ultra-Low Noise OCXO in SMD package
2016-01-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com