Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C27L-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 88C27L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C27L-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button 88C27L-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 9Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 10Page - Unisonic Technologies 88C27L-AF5-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7
www.unisonic.com.tw
QW-R502-040,A
TECHNICAL TERMS
1. Detection voltage (-VDET)
The detection voltage -VDET is the voltage at which the output switches to low. This detection voltage varies
slightly among products of the same type. The variation of voltages between the specified minimum [(-VDET)min.]
and maximum [(-VDET)max.] values is called the detection voltage range (See Figure 1).
Example: For the -VDET=1.5V, detection voltage lies in the range of 1.470≦(-VDET)≦1.530. This means that -VDET
is 1.470 in a product while -VDET is 1.530 in another of the same -VDET=1.5V.
2. Release voltage (+VDET)
The release voltage +VDET is the voltage at which the output returns (is “released”) to high. This release voltage
varies slightly among products of the same type. The variation of voltages between the specified minimum
[(+VDET)min.] and maximum [(+VDET)max.] values is called the release voltage range (See Figure 2).
Example: For the -VDET=1.5V, the release voltage lies in the range of 1.514≦(+VDET)≦1.652. This means that
+VDET is 1.514 in a product while +VDET is 1.652 in another of the same -VDET=1.5V.
Remark: Although the detection voltage and release voltage overlap in the range of 1.514 V ~ 1.530 V, +VDET
will always be larger than -VDET.
OUT
(-VDET)Max.
(-VDET)Min.
Detection voltage
Voltage range Detection
OUT
(+VDET) Max.
(+VDET) Min.
Release voltage
Release voltage range
VDD
VD
Figure 1
Figure 2 (CD=0F)
3. Hysteresis width (VHYS)
The hysteresis width is the voltage difference between the detection voltage and the release voltage (B-A=VHYS in
Figure 7). By giving a device hysteresis, trouble such as noise at the input is avoided.
4. Delay time (td)
The delay time is a time that the input voltage to VDD terminal exceeds the release voltage (+VDET) and then the
output of the OUT terminal inverts. The delay time can be changed by the additional external capacitor CD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com