Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C29L-AF5-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # 88C29L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C29L-AF5-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button 88C29L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 9Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 10Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 11Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 12Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 13Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 14Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 15Page - Unisonic Technologies 88C29L-AF5-R Datasheet HTML 16Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13
www.unisonic.com.tw
QW-R502-040,A
TYPICAL PERFORMANCE CHARACTERICS (Cont.)
(3) Nch transistor output current (IOUT) – VDS
-VDET=6.0V
60
50
40
30
0
0
1
2
34
VDS (V)
5
VDD=6.0V
VDD=4.8V
VDD=3.6V
VDD=2.4V
VDD=1.2V
20
10
Ta=25℃
(4) Nch transistor output current – Input voltage
-VDET=1.4V
3.5
3
2.5
2
0.5
0
0.5
1
1.5
2
1.5
1
Ta=-40℃
Ta=25℃
Ta=85℃
-VDET=6.0V
20
15
10
5
0
02
46
8
Input voltag VDD (V)
Ta=25℃
Ta=-40℃
Ta=85℃
0
VDS=0.5V
VDS=0.5V
Input voltag VDD (V)
(5) Pch transistor output current– Input voltage
-VDET=1.1V
3
2.5
2
1.5
0
0
1.0
1.5
22.5
Input voltage, VDD (V)
3
1
0.5
Ta=25℃
-VDET=6.0V
5.0
4.0
3.0
2.0
0.0
0
2
4
68
10
1.0
12
Ta=25℃
Ta=-40℃
Ta=-40℃
Ta=85℃
VDS=0.5V
Ta=85℃
VDS=0.5V
Input voltage, VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com