Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OF-F8HT17BS Datasheet(PDF) 3 Page - Nel Frequency Controls,inc

Part # OF-F8HT17BS
Description  Precision SC-cut OCXO in 25x22 mm Low Profile SMD Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

OF-F8HT17BS Datasheet(HTML) 3 Page - Nel Frequency Controls,inc

  OF-F8HT17BS Datasheet HTML 1Page - Nel Frequency Controls,inc OF-F8HT17BS Datasheet HTML 2Page - Nel Frequency Controls,inc OF-F8HT17BS Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
Data Sheet 0635E
OF-X8HXXXXX Series
OF - X 8H X XX X X
Package Code
OF 5 pad 25x22mm SMD
Creating a Part Number
Temperature Range
Code
Specification
A
0°C to 50°C
B
-10°C to 60°C
C
0°C to 70°C
D
-20°C to 70°C
E
-30°C to 70°C
F
-40°C to 80°C
Temperature Stability
Code
Specification
17
1x10
-7
58
5x10
-8
28
2x10
-8
18
1x10
-8
59
5x10
-9
YZ
Yx10
-Z
Aging
Code
Specification
L
1x10
-9/Day
S
5x10
-10/Day
P
2x10
-10/Day
Supply Voltage
Code
Specification
0
5V ± 5%
A
3.3V± 5%
F
12V 5%
Not all combinations are available. Consult Factory
.
Output
Code
Specification
T
TTL
S
Sinewave
MAX Reflow Profile



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com