Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C30L-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 88C30L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C30L-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  88C30L-AF5-R Datasheet HTML 1Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 2Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C30L-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4
www.unisonic.com.tw
QW-R502-040,A
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Temperature Characteristic of
-VDET
∆-VDET
∆Ta
1
-VDET =1.1V
-VDET =1.2V
-VDET =1.3V
-VDET =1.4V
-VDET =1.5V
-VDET =1.6V
-VDET =1.7V
-VDET =1.8V
-VDET =1.9V
-VDET =2.0V
-VDET =2.1V
-VDET =2.2V
-VDET =2.3V
-VDET =2.4V
-VDET =2.5V
-VDET =2.6V
-VDET =2.7V
-VDET =2.8V
-VDET =2.9V
-VDET =3.0V
-VDET =3.1V
-VDET =3.2V
-VDET=3.3V
-VDET =3.4V
-VDET =3.5V
-VDET =3.6V
-VDET =3.7V
-VDET =3.8V
-VDET =3.9V
-VDET=4.0V
-VDET=4.1V
-VDET=4.2V
-VDET=4.3V
-VDET=4.4V
-VDET=4.5V
-VDET=4.6V
-VDET=4.7V
-VDET=4.8V
-VDET=4.9V
-VDET=5.0V
-VDET=5.1V
-VDET=5.2V
-VDET=5.3V
-VDET=5.4V
-VDET=5.5V
-VDET=5.6V
-VDET=5.7V
-VDET=5.8V
-VDET=5.9V
-VDET=6.0V
±0.19
±0.20
±0.22
±0.24
±0.18
±0.19
±0.20
±0.21
±0.22
±0.24
±0.25
±0.26
±0.27
±0.28
±0.29
±0.31
±0.32
±0.33
±0.34
±0.35
±0.36
±0.38
±0.39
±0.40
±0.41
±0.42
±0.44
±0.45
±0.46
±0.47
±0.48
±0.49
±0.51
±0.52
±0.53
±0.54
±0.55
±0.56
±0.58
±0.59
±0.60
±0.61
±0.62
±0.64
±0.65
±0.66
±0.67
±0.68
±0.69
±0.71
±0.57
±0.60
±0.66
±0.72
±0.54
±0.57
±0.60
±0.63
±0.66
±0.72
±0.75
±0.78
±0.81
±0.84
±0.87
±0.93
±0.96
±0.99
±1.02
±1.05
±1.08
±1.14
±1.17
±1.20
±1.23
±1.26
±1.32
±1.35
±1.38
±1.41
±1.44
±1.47
±1.53
±1.56
±1.59
±1.62
±1.65
±1.68
±1.74
±1.77
±1.80
±1.83
±1.86
±1.92
±1.95
±1.98
±2.01
±2.04
±2.07
±2.13
mV/℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com