Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NUC-RPLP Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # NUC-RPLP
Description  13th Gen Intel® Core™ i7/i5/i3 Raptor Lake P Mobile Processor onboard, Small Fanless Embedded Computer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

NUC-RPLP Datasheet(HTML) 1 Page - BCM Advanced Research.

  NUC-RPLP Datasheet HTML 1Page - BCM Advanced Research. NUC-RPLP Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
13th Gen Intel® Core™ i7/i5/i3 Raptor Lake P Mobile
Processor onboard, Small Fanless Embedded Computer
• Motherboard Inside: ECM-RPLP 3.5" SBC
• Intel® Core™ i7/i5/i3 Mobile Processor supports up to 12 Cores, Intel®
Raptor Lake P Platform
• 2 x DDR5 SODIMM sockets support up to 64GB
• Intel® Iris Xe Graphic/ Intel® UHD Graphics (CPU Dependent)
• 2 x DP++ support Dual Displays
• Supports 3 Independent Displays
• Integrated USB Type C Thunderbolt 4
• 2 x Intel® I226-LM Ethernet Controller (2.5 GbE), 2 x LAN Ports
• M.2 E-Key CNVi, M.2 M-Key NVMe, M.2 B-Key with Nano SIM Card Slot
• 4 x USB 3.2 (rear side), 2 x USB 2.0 (front side)
• Flexible I/O Bay for 6 x USB 2.0 and 1 x COM Port
• 12V-24V DC-In
• Fanless Operation
I/O - Front
USB
2 x USB 2.0
Power
1 x Power Button
Reset
1 x Reset Button
LED
1 x HDD LED
I/O - Rear
Display
2 x DisplayPort++
USB
4 x USB 3.2
Thunderbolt
1 x USB Type C Thunderbolt 4
LAN
2 x RJ45
DC-in
1 x Barrel Type DC-In
SMA
2 x Knockout for SMA Connectors
Flex I/O Bay
6 x USB 2.0
1 x COM Port
System
Motherboard
ECM-RPLP3.5" SBC
CPU
Intel® Raptor Lake P Mobile Platform
Intel® Core™ i7-1365UE (15W)
Intel® Core™ i5-1345UE (15W)
Intel® Core™ i3-1315UE (15W)
Intel® Core™ i7-1370PE (28W)
Intel® Core™ i5-1350PE (28W)
Intel® Core™ i3-1320PE (28W)
System Memory
2 x SODIMM sockets support DDR5 4800MHz up to 64GB
BIOS
AMI 256Mb uEFI BIOS
Display Chipset
Intel® Iris Xe Graphic: select Intel® Core™ i7 and i5 CPU
Intel® UHD Graphics: select Intel® Core™ i3 CPU
Ethernet
2 x Intel® I226-LM Ethernet Controller (2.5 GbE)
Audio
Realtek HD Audio Codec
Expansion
1 x M.2 E-Key 2230, CNVi Support (PCIe x1 Channel & USB
Signal)
1 x M.2 M-Key 2280 NVMe (Gen4 PCIe x4)
1 x M.2 B-Key 3042 with Nano SIM Card Socket (with PCIe x2,
SATA, & USB Signal)
System Fan
Fanless
TPM
TPM 2.0
OS Support
Win 10
Win 11 64-bit
Linux Ubuntu
NUC-RPLP
Coming Soon
Preliminary, subject to change without notice.


Similar Part No. - NUC-RPLP

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
NUC-APL-34-B1-2R BCM-NUC-APL-34-B1-2R Datasheet
370Kb / 1P
Intel® Celeron® J3455 Processor Apollo Lake Fanless NUC Slim System
2021/09/14
NUC-APL-SLIM BCM-NUC-APL-SLIM Datasheet
370Kb / 1P
Intel® Celeron® J3455 Processor Apollo Lake Fanless NUC Slim System
2021/09/14
NUC-TGU BCM-NUC-TGU Datasheet
1Mb / 2P
11th Gen Intel® Tiger Lake UP3 Fanless NUC Slim System
12/08/2022
More results

Similar Description - NUC-RPLP

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
TBOX500-510-FL AXIOMTEK-TBOX500-510-FL Datasheet
308Kb / 2P
Fanless Embedded System with 7th Gen Intel Core i7/i5/i3
logo
Vecow Co., Ltd.
SPC-5000 VECOW-SPC-5000 Datasheet
795Kb / 2P
8th Gen Intel짰 Core i7/i5/i3 Processor (Whiskey Lake) Fanless Embedded Box PC
SPC-5200 VECOW-SPC-5200 Datasheet
799Kb / 2P
8th Gen Intel짰 Core i7/i5/i3 Processor (Whiskey Lake) Fanless Embedded Box PC
logo
Advantech Co., Ltd.
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-415-TGL ADVANTECH-PPC-415-TGL Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
logo
AAEON Technology
BOXER-6646-ADP AAEON-BOXER-6646-ADP Datasheet
1Mb / 2P
Fanless Compact Embedded Computer with 12 Generation Intel® Core™ i7/i5/i3 Processor
2022/12/12
logo
BCM Advanced Research.
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
ECM-TGU BCM-ECM-TGU Datasheet
3Mb / 2P
11th Gen Intel® Tiger Lake U Core™ SoC i7/i5/i3 & Celeron® BGA Processor Onboard 3.5” SBC
02/17/2023
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com