Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C31L-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 88C31L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C31L-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  88C31L-AF5-R Datasheet HTML 1Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 2Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C31L-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5
www.unisonic.com.tw
QW-R502-040,A
DECTECTION VOLTAGE RANGE vs HYSTERESIS WIDTH
DETECTION VOLTAGE
RANGE (V)
HYSTERESIS WIDTH
VHYS TYP (V)
DETECTION VOLTAGE
RANGE (V)
HYSTERESIS WIDTH
VHYS TYP (V)
1.1V±2.0%
0.055
3.6V±2.0%
0.180
1.2V±2.0%
0.060
3.7V±2.0%
0.185
1.3V±2.0%
0.065
3.8V±2.0%
0.190
1.4V±2.0%
0.070
3.9V±2.0%
0.195
1.5V±2.0%
0.075
4.0V±2.0%
0.200
1.6V±2.0%
0.080
4.1V±2.0%
0.205
1.7V±2.0%
0.085
4.2V±2.0%
0.210
1.8V±2.0%
0.090
4.3V±2.0%
0.215
1.9V±2.0%
0.095
4.4V±2.0%
0.220
2.0V±2.0%
0.100
4.5V±2.0%
0.225
2.1V±2.0%
0.105
4.6V±2.0%
0.230
2.2V±2.0%
0.110
4.7V±2.0%
0.235
2.3V±2.0%
0.115
4.8V±2.0%
0.240
2.4V±2.0%
0.120
4.9V±2.0%
0.245
2.5V±2.0%
0.125
5.0V±2.0%
0.250
2.6V±2.0%
0.130
5.1V±2.0%
0.255
2.7V±2.0%
0.135
5.2V±2.0%
0.260
2.8V±2.0%
0.140
5.3V±2.0%
0.265
2.9V±2.0%
0.145
5.4V±2.0%
0.270
3.0V±2.0%
0.150
5.5V±2.0%
0.275
3.1V±2.0%
0.155
5.6V±2.0%
0.280
3.2V±2.0%
0.160
5.7V±2.0%
0.285
3.3V±2.0%
0.165
5.8V±2.0%
0.290
3.4V±2.0%
0.170
5.9V±2.0%
0.295
3.5V±2.0%
0.175
6.0V±2.0%
0.300
OUTPUT CONFIGURATIONS
Implementation
CMOS
With different power supplies
No
With active low reset CPUs
Yes
With active high reset CPUs
No
With voltage divider variable resistors
No
Example with one power supply
VDD
V/D
CMOS
Vss
CPU
OUT
CD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com