Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC2C2.5P Datasheet(PDF) 1 Page - Belden Inc.

Part # RTC2C2.5P
Description  RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 2.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RTC2C2.5P Datasheet(HTML) 1 Page - Belden Inc.

  RTC2C2.5P Datasheet HTML 1Page - Belden Inc. RTC2C2.5P Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: RTC2C2.5P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 2.5 mm² Str TC, XLPO
Ins, XLPO Outer Jkt
Product Description
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 Cores 2.5 mm² Stranded Tinned Copper, XLPO Insulation, XLPO Outer Jacket
Technical Specifications
Product Overview
Suitable Applications:
Applicable for fixed or moderate flexing wiring inside Railway Rolling Stock like High-Speed Trains (CRH, Shinkansen, ICE, TGV), Metro, locomotives, and trolley buses, etc
Construction Details
Conductor
Stranding
Material
19x0.40 mm TC - Tinned Copper
Insulation
Material
Nom. Insulation Diameter
Color Code
Notes
XLP, XLPO, XLPE 2.75 mm (0.108 in)
White#1, White#2 D.C. stability on insulation at 300Vdc in 3% NaCl solution at (85±2)°C for 240h : No breakdown
Outer Jacket
Material
Nom. Thickness
XLP, XLPO, XLPE 0.56 mm (0.022 in)
Overall Cable Diameter (Nominal):
7.1 ± 0.25 mm
Electrical Characteristics
Electricals
Max. Conductor DCR
8.21 Ohm/km (2.50 Ohm/1000ft)
Voltage
Breakdown Voltage
2.5kVac/5min
Mechanical Characteristics
Temperature
Operating
-40°C to +120°C
Bend Radius
Stationary Min. Installation Min.
28 mm (1.1 in)
21 mm (0.83 in)
Bulk Cable Weight:
82.0 kg/km (55.1 lbs/1000ft)
Standards and Compliance
Flammability / Reaction to Fire:
IEC 60332-1-2, IEC 60332-2-25


Similar Part No. - RTC2C2.5P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RTC2C0.5P BELDEN-RTC2C0.5P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 0.5 mm² Str TC, XLPO Ins,XLPO Outer Jkt
04-05-2023
RTC2C0.75P BELDEN-RTC2C0.75P Datasheet
145Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 0.75 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC2C1.0P BELDEN-RTC2C1.0P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 1 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC2C1.5P BELDEN-RTC2C1.5P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 1.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
More results

Similar Description - RTC2C2.5P

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RTC13C0.5P BELDEN-RTC13C0.5P Datasheet
153Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 13 C 0.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC19C1.0P BELDEN-RTC19C1.0P Datasheet
154Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 19 C 1 mm² Str TC, XLPO Ins,XLPO Outer Jkt
04-05-2023
RTC2C0.5P BELDEN-RTC2C0.5P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 0.5 mm² Str TC, XLPO Ins,XLPO Outer Jkt
04-05-2023
RTC2C0.75P BELDEN-RTC2C0.75P Datasheet
145Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 0.75 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC2C1.0P BELDEN-RTC2C1.0P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 1 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC2C1.5P BELDEN-RTC2C1.5P Datasheet
146Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 2 C 1.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC3C2.5P BELDEN-RTC3C2.5P Datasheet
143Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 3 C 2.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC4C0.5P BELDEN-RTC4C0.5P Datasheet
144Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 4 C 0.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC4C1.5P BELDEN-RTC4C1.5P Datasheet
144Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 4 C 1.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
RTC4C2.5P BELDEN-RTC4C2.5P Datasheet
144Kb / 2P
RailTuff™ Thin wall cable EN 50306-4 1P 300V 4 C 2.5 mm² Str TC, XLPO Ins, XLPO Outer Jkt
04-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com