Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88C45L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 88C45L-AF5-R
Description  BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

88C45L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  88C45L-AF5-R Datasheet HTML 1Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 2Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 3Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 4Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 5Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 6Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 7Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 8Page - Unisonic Technologies 88C45L-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
88CXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R502-040,A
ABSOLUTE MAXIMUM RATINGS (Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
≤
1.4V
8
Power Supply Voltage
≥
1.5V
VDD-Vss
12
V
CD terminal Input Voltage
VCD
VSS-0.3 ~ VDD +0.3
V
Output Voltage
VOUT
VSS-0.3 ~ VDD+0.3
V
Output Current
IOUT
50
mA
Power Dissipation
PD
150
mW
Operating Temperature
TOPR
-40 ~ +85
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detection Voltage
-VDET
1
-VDET
×0.98
-VDET
-VDET
×1.02
V
Hysteresis Width
VHYS
1
-VDET
×0.03
-VDET
×0.05
-VDET
×0.08
V
≤
1.4V
0.8
6.0
Operating Voltage
≥
1.5V
VDD
1
0.95
10.0
V
1.1V ~ 1.4V
VDD=2.0V
1.0
2.5
1.5V ~ 2.6V
VDD=3.5V
1.2
3.0
2.7V ~ 3.9V
VDD=4.5V
1.3
3.3
4.0V ~ 5.4V
VDD=6.0V
1.5
3.8
Current
Consumption
5.5V ~ 6.0V
ISS
2
VDD=7.5V
1.6
4.2
µA
1.1V ~ 1.4V
VDD=0.95V 0.03
0.25
1.5V ~ 2.6V
VDD=1.20V 0.23
0.50
2.7V ~ 3.9V
VDD=1.20V
VDD=2.40V
0.23
1.60
0.50
3.70
4.0V ~ 5.4V
VDD=1.20V
VDD=2.40V
0.23
1.60
0.50
3.70
5.5V ~ 6.0V
3
Nch
VDS=0.5V
VDD=1.20V
VDD=2.40V
0.23
1.60
0.50
3.70
1.1V ~ 1.4V
VDD=4.8V
0.36
0.62
1.5V ~ 2.6V
VDD=4.8V
0.36
0.62
2.7V ~ 3.9V
VDD=4.8V
0.36
0.62
4.0V ~ 5.4V
VDD=6.0V
0.46
0.75
Output Current
5.5V ~ 6.0V
IOUT
4
Pch(CMOS
output)
VDS=0.5V
VDD=8.4V
0.59
0.96
mA
1.1V ~ 1.4V
VDD=4.5V, CD=4.7nF
4.95
6.6
8.25
1.5V ~ 2.6V
VDD=4.5V, CD=4.7nF
4.95
6.6
8.25
2.7V ~ 3.9V
VDD=4.5V, CD=4.7nF
4.95
6.6
8.25
4.0V ~ 5.4V
VDD=7.0V, CD=4.7nF
3
4
5
Delay Time
5.5V ~ 6.0V
td
5
VDD=7.0V, CD=4.7nF
3
4
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com