Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985IM5-3.2/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985IM5-3.2/NOPB
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985IM5-3.2/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2985IM5-3.2/NOPB Datasheet HTML 4Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 5Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 6Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 7Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 8Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 9Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 10Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 11Page - Texas Instruments LP2985IM5-3.2/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
6.5 Electrical Characteristics (continued)
specified at TJ = 25°C, VIN = VOUT(nom) + 1.0 V or VIN = 2.5 V (whichever is greater), IOUT = 1 mA, VON/OFF = 2 V, CIN = 1.0
µF, and COUT = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
ION/OFF
ON/OFF input current
VON/OFF = 0 V
Legacy chip
0.01
uA
New chip
0.42
uA
VON/OFF = 0 V, VOUT + 1 ≤ VIN ≤ 16 V,–40°C ≤ TJ ≤
125°C
Legacy chip
-1
uA
New chip
-0.9
uA
VON/OFF = 5 V
Legacy chip
5
uA
New chip
0.011
uA
VON/OFF = 5 V, VOUT + 1 ≤ VIN ≤ 16 V, –40°C ≤ TJ ≤
125°C
Legacy chip
15
uA
New chip
2.20
uA
IO(PK)
Peak Output Current
VOUT ≥ VO(NOM) –5% (steady state)
Legacy chip
300
350
mA
New chip
300
350
mA
IO(SC)
Short Output Current
RL = 0 Ω (steady state)
Legacy chip
400
mA
New chip
375
mA
ΔVO/ΔVIN
Ripple Rejection
f = 1 kHz, CBYPASS = 10 nF, COUT = 10 µF
Legacy chip
45
dB
New chip
78
dB
Vn
Output noise voltage
Bandwidth = 300 Hz to 50 kHz, CBYPASS = 10 nF, COUT
= 2.2 µF, VOUT = 3.3V, ILOAD = 150 mA
Legacy chip
30
µVRM
S
Bandwidth = 300 Hz to 50 kHz, CBYPASS = 10 nF, COUT
= 2.2 µF, VOUT = 3.3V, ILOAD = 150 mA
New chip
30
µVRM
S
Tsd+
Thermal shutdown
threshold
Shutdown, temperature increasing
New chip
170
°C
Tsd-
Reset, temperature decreasing
150
(1)
Dropout voltage (VDO) is defined as the input-to-output differential at which the output voltage drops 100 mV below the value measured
with a 1-V differential. VDO is measured with VIN = VOUT(nom) - 100mV for fixed output devices.
LP2985-N
SNVS018Z – MARCH 2000 – REVISED MAY 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP2985-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com