Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB104YFLXT Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9DB104YFLXT
Description  Four Output Differential Buffer for PCI-Express
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB104YFLXT Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9DB104YFLXT Datasheet HTML 1Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 2Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 3Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 4Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 5Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 6Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 7Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 8Page - Renesas Technology Corp ICS9DB104YFLXT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Integrated
Circuit
Systems, Inc.
ICS9DB104
(Not recommended for new designs)
0767E—12/14/07
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDD
PWR
Power supply, nominal 3.3V
2
SRC_IN
IN
0.7 V Differential SRC TRUE input
3
SRC_IN#
IN
0.7 V Differential SRC COMPLEMENTARY input
4
GND
PWR
Ground pin.
5
VDD
PWR
Power supply, nominal 3.3V
6
DIF_1
OUT
0.7V differential true clock outputs
7
DIF_1#
OUT
0.7V differential complement clock outputs
8
OE_1
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
9
DIF_2
OUT
0.7V differential true clock outputs
10
DIF_2#
OUT
0.7V differential complement clock outputs
11
VDD
PWR
Power supply, nominal 3.3V
12
BYPASS#/PLL
IN
Input to select Bypass(fan-out) or PLL (ZDB) mode
0 = Bypass mode, 1= PLL mode
13
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
14
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
15
PD#
IN
Asynchronous active low input pin used to power down the device. The
internal clocks are disabled and the VCO and the crystal are stopped.
16
SRC_STOP#
IN
Active low input to stop diff outputs.
17
HIGH_BW#
IN
3.3V input for selecting PLL Band Width
0 = High, 1= Low
18
VDD
PWR
Power supply, nominal 3.3V
19
DIF_5#
OUT
0.7V differential complement clock outputs
20
DIF_5
OUT
0.7V differential true clock outputs
21
OE_6
IN
Active high input for enabling outputs.
0 = tri-state outputs, 1= enable outputs
22
DIF_6#
OUT
0.7V differential complement clock outputs
23
DIF_6
OUT
0.7V differential true clock outputs
24
VDD
PWR
Power supply, nominal 3.3V
25
GND
PWR
Ground pin.
26
IREF
OUT
This pin establishes the reference current for the differential current-
mode output pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the appropriate current. 475 ohms is the
standard value.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com