Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB403DGLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 9DB403DGLF
Description  Four Output Differential Buffer for PCIe Gen 1 and Gen 2
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB403DGLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  9DB403DGLF Datasheet HTML 1Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 2Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 3Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 4Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 5Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 6Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 7Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 8Page - Renesas Technology Corp 9DB403DGLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ICS9DB403D
IDT®
Four Output Differential Buffer for PCIe and Gen 1 and Gen 2
ICS9DB403D
REV R 11/1/12
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
DATASHEET
1
Description
Output Features
The ICS9DB403 is compatible with the Intel DB400v2 Differential
Buffer Specification.This buffer provides 4 PCI-Express Gen2 clocks.
The ICS9DB403 is driven by a differential output pair from a
CK410B+, CK505 or CK509B main clock generator.
•
4 - 0.7V current-mode differential output pairs
•
Supports zero delay buffer mode and fanout mode
•
Bandwidth programming available
•
50-100 MHz operation in PLL mode
•
50-400 MHz operation in Bypass mode
Functional Block Diagram
Key Specifications
•
Outputs cycle-cycle jitter < 50ps
•
Outputs skew: 50ps
•
Phase jitter: PCIe Gen1 < 86ps peak to peak
•
Phase jitter: PCIe Gen2 < 3.0/3.1ps rms
•
28-pin SSOP/TSSOP pacakge
•
Available in RoHS compliant packaging
•
Supports Commercial (0 to +70°C) and Industrial (-40 to
+85°C) temperature ranges
Features/Benefits
•
Spread spectrum modulation tolerant, 0 to -0.5% down
spread and +/- 0.25% center spread.
•
Supports undriven differential outputs in PD# and
SRC_STOP# modes for power management.
Note: Polarities shown for OE_INV = 0.
STOP
LOGIC
SRC_IN
SRC_IN#
DIF(6,5,2,1)
CONTROL
LOGIC
BYPASS#/PLL
SDATA
SCLK
PD
SPREAD
COMPATIBLE
PLL
4
IREF
OE(6,5,2,1)
4
M
U
X
-OE(6, 1)
2


Similar Part No. - 9DB403DGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DB403DGLF IDT-9DB403DGLF Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Renesas Technology Corp
9DB403DGLF RENESAS-9DB403DGLF Datasheet
315Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
REV R 11/1/12
logo
Integrated Device Techn...
9DB403DGLFT IDT-9DB403DGLFT Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
logo
Renesas Technology Corp
9DB403DGLFT RENESAS-9DB403DGLFT Datasheet
315Kb / 20P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
REV R 11/1/12
More results

Similar Description - 9DB403DGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9DBL411 IDT-ICS9DBL411 Datasheet
82Kb / 9P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Integrated Device Techn...
9DB106 IDT-9DB106 Datasheet
193Kb / 14P
Six Output Differential Buffer for PCIe Gen 2
9DB423B IDT-9DB423B Datasheet
286Kb / 19P
Four Output Differential Buffer for PCIe Gen 1, Gen 2 and QPI
ICS9DB403D IDT-ICS9DB403D Datasheet
278Kb / 19P
Four Output Differential Buffer for PCIe Gen 1 and Gen 2
ICS9DB803DI IDT-ICS9DB803DI Datasheet
254Kb / 21P
Eight Output Differential Buffer for PCIe Gen 2
ICS9DS400 IDT-ICS9DS400 Datasheet
316Kb / 19P
Four Output Differential Buffer for PCIe Gen 2 with Spread
logo
Renesas Technology Corp
9DB106 RENESAS-9DB106 Datasheet
337Kb / 15P
Six Output Differential Buffer for PCIe Gen 2
05/24/12
9DS400 RENESAS-9DS400 Datasheet
462Kb / 20P
Four Output Differential Buffer for PCIe Gen 2 with Spread
09/17/09
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com