Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB823B Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9DB823B
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9DB823B Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9DB823B Datasheet HTML 1Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 2Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 3Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 4Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 5Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 6Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 7Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 8Page - Renesas Technology Corp ICS9DB823B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ICS9DB823B
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
2
ICS9DB823B
REV F 091812
Pin Configuration
Power Groups
Bypass Readback Table
Frequency Selection
SRC_DIV# 1
48 VDDA
SRC_DIV# 1
48 VDDA
VDDR 2
47 GNDA
VDDR 2
47 GNDA
GND 3
46 IREF
GND 3
46 IREF
SRC_IN 4
45 LOCK
SRC_IN 4
45 LOCK
SRC_IN# 5
44 OE_7
SRC_IN# 5
44 OE7#
OE_0 6
43 OE_4
OE0# 643 OE4#
OE_3 7
42 DIF_7
OE3# 742 DIF_7
DIF_0 8
41 DIF_7#
DIF_0 8
41 DIF_7#
DIF_0# 9
40 OE_INV
DIF_0# 9
40 OE_INV
GND 10
39 VDD
GND 10
39 VDD
VDD 11
38 DIF_6
VDD 11
38 DIF_6
DIF_112
37 DIF_6#
DIF_112
37DIF_6#
DIF_1# 13
36 OE_6
DIF_1# 13
36 OE6#
OE_1 14
35 OE_5
OE1# 14
35 OE5#
OE_2 15
34 DIF_5
OE2# 15
34 DIF_5
DIF_216
33 DIF_5#
DIF_216
33DIF_5#
DIF_2# 17
32 GND
DIF_2# 17
32 GND
GND 18
31 VDD
GND 18
31 VDD
VDD 19
30 DIF_4
VDD 19
30 DIF_4
DIF_320
29 DIF_4#
DIF_320
29DIF_4#
DIF_3# 21
28 HIGH_BW#
DIF_3# 21
28 HIGH_BW#
BYPASS#_133_100 22
27 DIF_STOP#
BYPASS#_133_100 22
27 DIF_STOP
SCLK 23
26 PD#
SCLK 23
26 PD#
SDATA 24
25 GND
SDATA
24
25 GND
OE_INV = 0
OE_INV = 1
Note: Pin 26 is always active low. This is different than
9DB803.
48-pin SSOP and TSSOP
VDD
GND
2
3
SRC_IN/SRC_IN#
11,19,31,39
10,18, 25,32
DIF(7:0)
N/A
47
IREF
48
47
Analog VDD & GND for PLL core
Description
Pin Number
BYPASS#_133_100
Byte0, bit 3
Byte 0 bit 1
Low
0
0
Mid
1
0
High
0
1
BYPASS#_133_100
Voltage
MODE
Low
<0.8V
Bypass
Mid
1.2<Vin<1.8V QPI 133MHz
High
Vin > 2.0V
PCIe 100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com