Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB803DGILFT Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 9DB803DGILFT
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB803DGILFT Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 9DB803DGILFT Datasheet HTML 3Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 4Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 5Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 6Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 7Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 8Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 9Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 10Page - Renesas Technology Corp 9DB803DGILFT Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ICS9DB803D
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2
7
ICS9DB803D
REV N 071013
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS9DB803D. These ratings, which are
standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any
other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over
the recommended operating temperature range.
Electrical Characteristics–Clock Input Parameters
Symbol
Parameter
Min
Max
Units
VDDA/R
3.3V Core Supply Voltage
4.6
V
VDD
3.3V Logic Supply Voltage
4.6
V
VIL
Input Low Voltage
GND-0.5
V
VIH
Input High Voltage
VDD+0.5V
V
Ts
Storage Temperature
-65
150
°C
Commerical Operating Range
0
70
°C
Industrial Operating Range
-40
85
°C
Tcase
Case Temperature
115
°C
ESD prot
Input ESD protection
human body model
2000
V
Tambient
TA = Tambient for the desired operating range, Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage -
DIF_IN
VIHDIF
Differential inputs
(single-ended measurement)
600
800
1150
mV
1
Input Low Voltage -
DIF_IN
VILDIF
Differential inputs
(single-ended measurement)
VSS - 300
0
300
mV
1
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
300
1000
mV
1
Input Amplitude - DIF_IN
VSWING
Peak to Peak value
(single-ended measurement)
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.4
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
1
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1
Input Jitter - Cycle to
Cycle
JDIFIn
Differential Measurement
0
125
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2Slew rate measured through Vswing min centered around differential zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com