Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB823BGLF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 9DB823BGLF
Description  EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DB823BGLF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 9DB823BGLF Datasheet HTML 15Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 16Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 17Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 18Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 19Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 20Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 21Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 22Page - Renesas Technology Corp 9DB823BGLF Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ICS9DB823B
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1, GEN2 AND QPI
21
ICS9DB823B
REV F 091812
Revision History
Rev.
Issue Date Description
Page #
A
10/1/2008
1. Updated Electrical Characteristics to add propagation delay and
phase noise information.
2. Added SMBus electrical characteristics
3. Added foot note about DIF input running in order for the SMBus
interface to work
4. Added foot note to Byte 1 about functionality of OE bits and OE pins
5. Updated clock periods to reflect +/-100ppm input clock tolerance
(CK410B+/CK420BQ/CK505).
6. Changed SRC_Stop references to DIF_Stop references for
consistency..
Various
B
10/7/2008
Corrected Common Dimensions.
19-20
C
2/4/2010
1. Corrected Polarity of Power Down pin when OE_INV = 1. Power
Down is always active low (or PD#). This is a difference from the
9DB803D.
Various
D
8/31/2010
1. Corrected Termination drawings/tables
2. Removed "Polarity Inversion Pin List" table.
Various
E
5/9/2011
1. Update pin 2 pin-name and pin description from VDD to VDDR. This
highlights that optimal peformance is obtained by treating VDDR as in
analog pin. This is a document update only, there is no silicon change.
Various
F
9/18/2012
Updated Byte 2, bits 0~7 per char review. Outputs can be programmed
with Byte 2 to be Stoppable or Free-Run with DIF_Stop pin, not the OE
pins.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com