Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9LRS3187B Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS9LRS3187B
Description  PROGRAMMABLE TIMING CONTROL HUB FOR INTEL BASED SYSTEMS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LRS3187B Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS9LRS3187B Datasheet HTML 9Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 10Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 11Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 12Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 13Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 14Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 15Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 16Page - Renesas Technology Corp ICS9LRS3187B Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
IDT® Programmable Timing Control Hub for Intel Based Systems
1602F—11/04/11
ICS9LRS3187B
Programmable Timing Control Hub for Intel Based Systems
13
Datasheet
Absolute Maximum Ratings - DC Parameters, Industrial Temperature Range
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Maximum Supply Voltage
VDDxxx
Supply Voltage
4.6
V
1
Maximum Supply Voltage
VDDxxx_IO
Low-Voltage Differential I/O Supply
3.8
V
1
Maximum Input Voltage
VIH
3.3V Tolerant Inputs
4.6
V
1,2
Minimum Input Voltage
VIL
Any Input
GND - 0.5
V
1
Storage Temperature
Ts
-
-65
150
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1,3
1 Operation under these conditions is neither implied, nor guaranteed.
Notes: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
2 Maximum VIH is not to exceed VDD
3 Human Body Model
Electrical Characteristics - Input/Supply/Common Output DC Parameters, Industrial Temperature Range
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Notes
Ambient Operating Temp
Tambind
Industrial Range
-40
85
°C
Supply Voltage, Core
VDDxxx
Supply Voltage
3.135
3.3
3.465
V
Supply Voltage, I/O
VDDxxx_IO
Low-Voltage Differential I/O Supply
0.9975
1.05
3.465
V
5
Input High Voltage
VIHSE
Single-ended 3.3V inputs
2
2.4
VDD + 0.3
V
3
Input Low Voltage
VILSE
Single-ended 3.3V inputs
VSS - 0.3
0.4
0.8
V
3
Low Threshold Input - High Voltage
VIH_FSC
3.3 V +/-5%, Voltage for which FSC = '1'
0.7
3.3
V
4
Low Threshold Input - Low Voltage
VIL_FSC
3.3 V +/-5%
VSS - 0.3
0.35
V
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
2
Input Leakage Current
IINRES
Inputs with pull up or pull down resistors
VIN = VDD , VIN = GND
-200
200
uA
Output High Voltage
VOHSE
Single-ended outputs, IOH = -1mA
2.4
V
1
Output Low Voltage
VOLSE
Single-ended outputs, IOL = 1 mA
0.4
V
1
IDDOP3.3
Full Active, CL = Full load; Idd 3.3V
92
110
mA
IDDOPIO
Full Active, CL = Full load; IDD IO
18
25
mA
5
IDDiAMT3.3
M1 mode, 3.3V Rail
48
65
mA
IDDiAMTIO
M1 Mode, IO Rail
6
15
mA
5
IDDPD3.3
Power down mode, 3.3V Rail
3.2
8
mA
IDDPDIO
Power down mode, IO Rail
0
0.05
mA
5
Input Frequency
Fi
VDD = 3.3 V
14.318
15
MHz
Pin Inductance
Lpin
57
nH
CIN
Logic Inputs
1.5
4
5
pF
COUT
Output pin capacitance
5
6
pF
CINX
X1 & X2 pins
4
6
pF
Clk Stabilization
TSTAB
From VDD Power-Up or de-assertion of PD to 1st clock
1.8
ms
Tfall_SE
TFALL
10
ns
1
Trise_SE
TRISE
10
ns
1
SMBus Voltage
VDD
2.7
3.3
5.5
V
Low-level Output Voltage
VOLSMB
@ IPULLUP
0.4
V
Current sinking at VOLSMB = 0.4 V
IPULLUP
SMB Data Pin
4
5
mA
SCLK/SDATA
Clock/Data Rise Time
TRI2C
(Max VIL - 0.15) to
(Min VIH + 0.15)
1000
ns
SCLK/SDATA
Clock/Data Fall Time
TFI2C
(Min VIH + 0.15) to
(Max VIL - 0.15)
300
ns
Maximum SMBus Operating Frequency
FSMBUS
100
kHz
Spread Spectrum Modulation Frequency
fSSMOD
Triangular Modulation
30
32.54
33
kHz
1Signal is required to be monotonic in this region.
2 Input leakage current does not include inputs with pull-up or pull-down resistors
4 Frequency Select pins which have tri-level input
5 If present, not all parts have this feature.
Powerdown Current
Input Capacitance
Fall/rise time of all 3.3V control inputs from 20-80%
Operating Supply Current
iAMT Mode Current
Notes: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).
3 3.3V referenced inputs are: SCLK, SDATA, and CKPWRGD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com