Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA-COM Datasheet(PDF) 1 Page - ITT Industries

Part # CA-COM
Description  Construction Equipment Electric Vehicle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA-COM Datasheet(HTML) 1 Page - ITT Industries

  CA-COM Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Circular
CA-COM
The CA-COM and CA-COM-B circular
connector series are derived from
connectors according to VG95234 or
MIL-C-5015. These connectors are compatible
with VG95234 and MIL-C-5015 connectors with
corresponding size, contact arrangements and
coupling method. High quality manufacturing
processes and materials combine to insure the
optimum performance and reliability under an
extreme range of environmental conditions.
Fluid resistant elastomers provide maximum
protection against degrading fuels, oils, coolants
and cleansers.
Applications:
Construction Equipment
Electric Vehicle
Industrial Automation
Servo Motors
Signaling Equipment
Resilient insulators.
Full line of accessories.
Environmental by means of an adapter for
PG and metric (ME) termination and adapter
for heat shrink boots.
CA-COM
Threaded coupling.
Spray-waterproof (up to IP65).
Compatible with all connectors according to
MIL-C-5015 and series CA.
CA-COM-B
Bayonet coupling.
Waterproof (1 bar, 12 hrs).
Compatible with all connectors according to
VG95234 and series CA-B.
Performance Specifications
Connector Durability
500 mating cycles min.
Contact Current Rating
41 A max. at 20°C (68°F) per contact
Contact Resistance
Up to 10 mΩ max.
Contact Retention
35 N min.
Contact Termination
Crimp; Solder Cup
Insulation Resistance
≥ 1000 MΩ
Number of Circuits
Up to 37
Operating Temperature
–55°C to 125°C (–67°F to 257°F)
Separating Force
1,0 N min. per contact
Shell Style
00 - Receptacle, Wall Mount
01 - Plug, Cable Connecting
02 - Receptacle, Box Mount
06 - Plug, Straight
08 - Plug, 90°
20 - Receptacle, Box Mount (Back Panel) (B version only)
Size or Length
12 sizes
Materials and Finishes
Description
Material
Finish
Shell
Aluminum Alloy, Zinc Diecast
Nickel
Insulator (Resilient)/Grommet
Polychloroprene
Contact
Copper Alloy
Silver or Tin
Product Features
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D-04
For more information: www.ittcannon.com/cat109
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
✧ Dependant upon size of contact.


Similar Part No. - CA-COM

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
CA-CDP-DEBUG MULTITECH-CA-CDP-DEBUG Datasheet
1Mb / 35P
DE15M-DE9F Serial Cable, Data Only (6 ft)
December 29, 2014
More results

Similar Description - CA-COM

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
HHC71-4 AEC-HHC71-4 Datasheet
431Kb / 3P
Electric Vehicle Motor Control
logo
Willow Technologies Ltd
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
Electric Vehicle Contactor
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
electric vehicle relay
logo
Bel Fuse Inc.
0AKK BEL-0AKK Datasheet
499Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKK Jul2022
0AKL BEL-0AKL Datasheet
433Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com