Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTC Datasheet(PDF) 1 Page - ITT Industries

Part # KPTC
Description  Circular Industrial Automotive Motion Control
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC Datasheet(HTML) 1 Page - ITT Industries

  KPTC Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Circular
KPTC/KPTC-NG
Miniature circular connector series
KPTC
and
KPTC-NG
(New
Generation) offer high contact
density in a rugged metal shell. They feature
environmental sealing with fast and easy
mating/unmating with bayonet coupling. A
shielded endbell is available for fast
assembly.
High
quality
manufacturing
processes and materials combine to insure the
optimum performance and reliability under an
extreme range of environmental conditions.
Fluid resistant elastomers provide maximum
protection against degrading fuels, oils,
coolants and cleansers.
Applications:
• Black Box
• Industrial Automotive
• Motion Control
• Lightweight.
• Can be sealed to IP67.
• Shielded and unshielded versions.
Performance Specifications
Connector Durability
500 mating cycles min.
Contact Current Rating
Size 20: 7.5 A at 20°C (68°F)
Size 16: 22 A at 20°C (68°F)
Contact Resistance
Size 20: 14,7 mΩ max.
Size 16: 3,8 mΩ max.
Contact Retention
Size 20: 40 N min. Test Force
Size 16: 100 N min. Test Force
Contact Termination
Crimp; PC Tail; Solder
Coupling
Bayonet (three point)
Current Rating
Size 20: 7.5 A at 20°C (68°F)
Size 16: 22 A at 20°C (68°F)
Insulation Resistance
5000 MΩ min.
Number of Circuits
Up to 61 (KPTC); Up to 26 (KPTC-NG)
Polarization
Keyways
Shell Styles
0 - Receptacle, Wall Mount
2 - Receptacle, Box Mount (KPTC only)
6 - Plug, Straight
7 - Receptacle, Jam Nut Mount
Wire Size
Size 20: 0,4 to 0,75 mm2
Size 16: 1,0 to 2,0 mm2
Materials and Finishes
Description
Material
Finish
Shell
Aluminum Alloy (KPTC)
Nickel
Zinc Alloy (KPTC-NG)
Nickel
Insulator
Polychloroprene
—
Contact
Copper Alloy
Hard Gold or Hard Silver
Grommet and Seal
Polychloroprene (KPTC)
—
ECO (KPTC-NG)
—
Product Features
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D-12
For more information: www.ittcannon.com/cat117
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Part No. - KPTC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KPTC ITT-KPTC Datasheet
5Mb / 36P
KPT / KPSE / KPTC Connectors
logo
Kingbright Corporation
KPTC-2012CGCK KINGBRIGHT-KPTC-2012CGCK Datasheet
3Mb / 19P
Optoelectronic Components
KPTC-2012MGC KINGBRIGHT-KPTC-2012MGC Datasheet
3Mb / 19P
Optoelectronic Components
KPTC-2012QBC-D KINGBRIGHT-KPTC-2012QBC-D Datasheet
3Mb / 19P
Optoelectronic Components
KPTC-2012QBC-F KINGBRIGHT-KPTC-2012QBC-F Datasheet
3Mb / 19P
Optoelectronic Components
More results

Similar Description - KPTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
Advanced Microstepping Motion Control Chipset
logo
ITT Industries
CGL ITT-CGL Datasheet
82Kb / 1P
Circular; Industrial Automation Machine Tools Motion Control
M83723 ITT-M83723 Datasheet
69Kb / 1P
Circular; Aerospace Commercial Industrial Military
logo
List of Unclassifed Man...
PCI-8504 ETC2-PCI-8504 Datasheet
762Kb / 2P
4-Axis Motion Control Board
logo
PHOENIX CONTACT
1607689 PHOENIX-1607689 Datasheet
17Mb / 64P
Industrial Circular Connectors
logo
International Rectifier
IRFS4321-7PPBF IRF-IRFS4321-7PPBF Datasheet
410Kb / 10P
Motion Control Applications
logo
Epson Company
M-G350-PD11 EPSON-M-G350-PD11 Datasheet
1Mb / 4P
Motion analysis and control
logo
International Rectifier
IRFP4321PBF IRF-IRFP4321PBF_15 Datasheet
297Kb / 9P
Motion Control Applications
IRFS4321-7PPBF IRF-IRFS4321-7PPBF_15 Datasheet
410Kb / 10P
Motion Control Applications
logo
Infineon Technologies A...
IRFI4321PBF INFINEON-IRFI4321PBF Datasheet
599Kb / 9P
Motion Control Applications
2017-04-27
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com