Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7B21 Datasheet(PDF) 2 Page - Analog Devices

Part # 7B21
Description  Isolated High Level Voltage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B21 Datasheet(HTML) 2 Page - Analog Devices

  7B21 Datasheet HTML 1Page - Analog Devices 7B21 Datasheet HTML 2Page - Analog Devices 7B21 Datasheet HTML 3Page - Analog Devices 7B21 Datasheet HTML 4Page - Analog Devices 7B21 Datasheet HTML 5Page - Analog Devices 7B21 Datasheet HTML 6Page - Analog Devices 7B21 Datasheet HTML 7Page - Analog Devices 7B21 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7B21
Rev. 0 | Page 2 of 8
GENERAL DESCRIPTION
The 7B21 is a unity gain single-channel signal conditioning
module that interfaces, filters and isolates a +10 Volt input
signal and provides a protected precision output of +10 Volt.
Model 7B21 features a nonlinearity of +0.02% maximum and an
accuracy of +0.1% maximum (+0.01% typical). To accurately
measure low level signals in electrically noisy environments,
1500 V rms of galvanic transformer-based isolation with a
common mode rejection (CMR) of 100 dB @ 50/60 Hz is
provided. Rated to operate with a nominal +24 VDC supply,
Model 7B21 is mix-and-match and hot-swappable with other
7B Series input modules, so it can be inserted or removed from
any socket in the same backplane without disturbing system
power.
The floating differential input of Model 7B21 is fully protected
up to 120 V rms line voltage. A one-pole 300 Hz filter
preconditions the input signal prior to a low drift differential
input amplifier. Amplitude modulation is used to implement
transformer isolation (1500 V rms input-to-output and power).
Isolated front-end circuitry power is supplied by a DC/DC
converter. The output section contains a two-pole low pass filter
(-3 dB @ 300 Hz), a buffer amplifier and a power oscillator. The
two-pole output filter and subsequent buffer ensures that a low
noise, low impedance (<1Ω) signal is available at the output to
drive loads to 2 kΩ minimum.
.
Figure 2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com