Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

898-81-R20K Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 898-81-R20K
Description  R/2R Ladder Dual-In-Line Thick Film Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

898-81-R20K Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  898-81-R20K Datasheet HTML 1Page - List of Unclassifed Manufacturers 898-81-R20K Datasheet HTML 2Page - List of Unclassifed Manufacturers 898-81-R20K Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4
4-159
Models 898, 899 Ladder
ORDERING INFORMATION
89 8 -81 R10K
Model Series
R Resistance Value
Circuit Type:
81 = 8 Bits
82 = 8 Bits
Number of Leads:
8 = 16 Leads
89 9 -10 R10K
Model Series
R Resistance Value
Circuit Type:
10 = 10 Bits
Number of Leads:
9 = 14 Leads
Model
Per Package
Per Resistor
898-8X
0.8
.050
899-10
1.0
.050
POWER DISSIPATION, WATTS AT 70°C
PACKAGING
Standard:
Magazines
All Units oriented with lead #1 to the same side.
Magazine:
Material
=
Antistatic Plastic
Capacity
=
25 Units
TYPICAL PART MARKING
898-81-R10K
Model Number:
899 = 14 Leads
898 = 16 Leads
Lead #1
Indicator
R Resistance Value
Date Code
Optional Location
Circuit Type: –10 (10 bits)
–81 ( 8 bits)
–82 ( 8 bits)
STANDARD RESISTANCE VALUES, OHMS
R/2R
R/2R
R/2R
10K/20K
25K/50K
100K/200K
50K/100K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com