Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDA Datasheet(PDF) 1 Page - ITT Industries

Part # ZDA
Description  D Subminiature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

ZDA Datasheet(HTML) 1 Page - ITT Industries

  ZDA Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
F-23
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D Subminiature
ZD*A
High density commercial D (ZD*A)
connectors feature size 22D contacts
which are intermateable with the
industry standard D Subminiature connectors.
High density D Subminiature connectors are
available with solder cup, straight and 90º PC
termination, as well as with crimp contacts.
For cable-mounted connectors, crimp snap
contacts are supplied on reels for fast semi-
automatic crimping or loose piece form for
prototype applications.
Applications:
• Communications Systems
• Information Systems
• Metal front shell connectors with
plastic inserts.
• Stamped and formed contacts.
• Selective gold plating assures
high performance at low cost.
• UL approved.
Performance Specifications
Connector Durability
50 mating cycles (Class 3); 200 mating cycles (Class 2)
Contact Current Rating
2 A
Contact Resistance
20 mΩ max. (on mated contacts)
Contact Size
22D
Contact Termination
Crimp; PC Tail, Straight and 90º; Solder Cup (stamped and formed contacts)
Coupling
Friction, accessories
DWV
1000 V ac at sea level
Insulation Resistance
5000 MΩ at 500 V dc
Number of Circuits
Up to 78: 15, 26, 44, 62, 78
Operating Temperature
–55°C to 105°C (–67°F to 221°F)
Polarization
Keystone shape of shell
Size or Length
5 sizes – E, A, B, C, D
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, Glass-filled, UL 94V-0
Color: Black
Contact, Female
Phosphor Bronze
Engaging Area: Gold over Nickel
Terminating End: Tin
Contact, Male
Brass
Engaging Area: Gold over Nickel
Terminating End: Tin
Product Features
For more information: www.ittcannon.com/cat244
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Part No. - ZDA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDA-15-S-1AKN-146 ITT-ZDA-15-S-1AKN-146 Datasheet
34Kb / 1P
Connector with Threaded Coupling
logo
Vishay Siliconix
ZDA0411 VISHAY-ZDA0411 Datasheet
153Kb / 7P
High Surge Axial Cemented Leaded Wirewound Resistors
14-Mar-2019
ZDA0411 VISHAY-ZDA0411 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
ZDA0411-C VISHAY-ZDA0411-C Datasheet
153Kb / 7P
High Surge Axial Cemented Leaded Wirewound Resistors
14-Mar-2019
ZDA0411-C00 VISHAY-ZDA0411-C00 Datasheet
144Kb / 7P
Commercial Axial Cemented Leaded Wirewound Resistors
11-Jul-2018
More results

Similar Description - ZDA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
D Subminiature Connectors
logo
List of Unclassifed Man...
KF22X-E9P-N ETC2-KF22X-E9P-N Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
K22XHT KYCON-K22XHT Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
ITT Industries
D110551 ITT-D110551 Datasheet
45Kb / 2P
D Subminiature Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com