Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-C01 Datasheet(PDF) 1 Page - AAEON Technology

Part # SCA-C01
Description  Carrier Board for AAEON IoT Wireless Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

SCA-C01 Datasheet(HTML) 1 Page - AAEON Technology

  SCA-C01 Datasheet HTML 1Page - AAEON Technology SCA-C01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
14-3 www.aaeon.com
Note: All specifications are subject to change without notice.
14
Specifications
Features
SCA-C01
Carrier Board for AAEON IoT Wireless Modules
■
■ Mini-PCI Slot for AAEON's Wireless MCU Modules
■
■ Rich I/O Port with I2C/GPIO/UART/SPI
■
■ 40-pin Header Compliant with Raspberry-Pi & UP Board
■
■ RS-232/RS-485 Function Selecable
System
Internal I/O components
SPI x 2
UART x 2
I2C x 1
GPIO x 3
ANALOG x 3
40-pin Header
RS-232/485 Jumper Selectable
Note: The actual I/O ports will base on wireless modules used.
Other
Micro SIM x 1
Mechanical
Dimension
2.56" x 2.2" x 0.6" (65.1mm x 56mm x 15.2mm)
Environmental
Operating Temperature
-4°F ~ 158°F (-20°C ~ 70°C)
Storage Temperature
-40°F ~ 185°F (-40°C ~ 85°C)
Storage Humidity
10% ~ 95%RH @ 40°C, non-condensing
Power Supply
DC Input
5V (Micro USB)
Optional Connectivity
Support Connectivity
WIFI (IEEE 802.11)
Sub-1GHz (IEEE® 802.15.4g PHY, 315-, 433-, 470-, 500-, 779-, 868-, 915-,
920-MHz)
LoRaWAN™
Wireless Module Slot
GPIO/Analog
SPI
Micro-USB
UART
Header Module
I2C
Packing List
• Mini Jumper, 2.0mm (RED)
• SCA-C01


Similar Part No. - SCA-C01

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
SCA-005C SEMICOA-SCA-005C Datasheet
194Kb / 3P
Silicon PIN Photodiode
SCA-005OP SEMICOA-SCA-005OP Datasheet
200Kb / 4P
Silicon PIN Photodiode with Op Amp
logo
Eravant
SCA-01-3M3F-SD-V ERAVANT-SCA-01-3M3F-SD-V Datasheet
348Kb / 3P
3.5 mm Coaxial Fixed Attenuator, 1 dB Attenuation, Thermal Vacuum Safe
Rev 1.1
SCA-01-KMKF-SD ERAVANT-SCA-01-KMKF-SD Datasheet
337Kb / 3P
2.92 mm Coaxial Fixed Attenuator, 1 dB Attenuation
Rev 1.0
SCA-01-SMSF-SD ERAVANT-SCA-01-SMSF-SD Datasheet
345Kb / 3P
SMA Coaxial Fixed Attenuator, 1 dB Attenuation
Rev 1.0
More results

Similar Description - SCA-C01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
Advantech Co., Ltd.
WISE-1020 ADVANTECH-WISE-1020 Datasheet
839Kb / 2P
Wireless IoT IP Node
WISE-4012 ADVANTECH-WISE-4012 Datasheet
137Kb / 1P
IoT Wireless I/O Module
WISE-3620 ADVANTECH-WISE-3620 Datasheet
549Kb / 2P
Wireless IoT WiFi Network Gateway
WISE-3610 ADVANTECH-WISE-3610 Datasheet
549Kb / 2P
Wireless IoT LoRa Network Gateway
WISE-3310 ADVANTECH-WISE-3310_16 Datasheet
531Kb / 2P
Wireless IoT Mesh Network Gateway
WISE-1021 ADVANTECH-WISE-1021 Datasheet
457Kb / 2P
Wireless IoT Node
WISE-1020 ADVANTECH-WISE-1020_15 Datasheet
480Kb / 2P
Wireless IoT Node
WISE-3610Z ADVANTECH-WISE-3610Z Datasheet
492Kb / 2P
Wireless IoT EPD Network Gateway
3-Sep-2019
WISE-4012E ADVANTECH-WISE-4012E Datasheet
461Kb / 2P
6-ch Input/Output IoT Wireless I/O Module for IoT Developers
6-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com