Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTH Datasheet(PDF) 1 Page - ITT Industries

Part # KPTH
Description  Hermetic Industrial Military Transportation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTH Datasheet(HTML) 1 Page - ITT Industries

  KPTH Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
J-05
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Hermetic; MIL-C-26482, Series I, II
KPTH/PVAH
Cannon’shermeticallysealedKPTHand
PVAH (MIL-C-26482, Series I and II)
connectors are designed for those
applications and environments that require
delicate mechanisms to be protected from
variations in atmospheric pressure. Contact
arrangements are tooled in a full leak-free
compression glass web.
Applications:
• Industrial
• Military
• Transportation
• Pin contacts in a compression glass seal.
• 100 g (force) shock with no loss of
hermeticity.
• 100 psi differential causes no detectable
leakage in excess of .01 micron ft3/hr.
• Series I is qualified to MIL-C-26482.
• Thermal shock from –70°C to 200°C
(–94°F to 392°F) without affecting air
leakage rate.
Performance Specifications
Air Leakage Rate
≤.01 micron ft3/hr (1.04
10-7 cm3/s) at one atmosphere pressure differential
Contact Termination
Eyelet; PC Tail; Solder Cup
Coupling
Bayonet (three point)
Number of Circuits
Up to 61
Polarization
Key/Keyway
Service Class
Hermetically Sealed
Size or Length
8 thru 24
Wire Size
#20 AWG to #16 AWG
Shell Style
KPTH (Series I)
PVAH (Series II)
2 – Receptacle, Box Mount
0 – Receptacle, Box Mount
7 – Receptacle, Jam Nut Mount
7 – Receptacle, Jam Nut Mount
1 – Receptacle, Solder Mount
3 – Receptacle, Solder Mount
Materials and Finishes
Description
KPTH (Series I)
PVAH (Series II)
Shell
Steel, Electro-Deposited Tin over Cadmium
Steel, .0001 min. Tin over Nickel
Insulator
Compression Glass
Compression Glass
Jam Nut
Steel, Electro-Deposited Tin over Cadmium
Steel, Nickel
Bayonet Pin
Stainless Steel
Stainless Steel
Seals
Silicone and Polychloroprene
Static and Interfacial-Fluorosilicone/Silicone Elastomer
O-Ring (Flange)
Polychloroprene
Silicone Elastomer
Contact
Steel Electro-Deposited Tin over Cadmium
Ferrous Alloy, .00005 min. Gold over Nickel
Product Features
For more information: www.ittcannon.com/cat284
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Part No. - KPTH

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
KPTHBLD PANDUIT-KPTHBLD Datasheet
82Kb / 1P
Tool Tension Locking Kits
More results

Similar Description - KPTH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N6137 ETC1-2N6137 Datasheet
137Kb / 4P
Military Planar TO-18 Hermetic
logo
ITT Industries
CA-KE ITT-CA-KE Datasheet
179Kb / 4P
Industrial Military
logo
New Jersey Semi-Conduct...
2N6137 NJSEMI-2N6137 Datasheet
175Kb / 2P
MILITARY, PLANAR, TO-18, HERMETIC
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
For Industrial and Military Applications
logo
Red Lion Controls. Inc
MIL318 REDLION-MIL318 Datasheet
806Kb / 4P
Military-Rated Gigabit Industrial Connectivity
MIL316 REDLION-MIL316 Datasheet
801Kb / 4P
Military-Rated Gigabit Industrial Connectivity
ET-8XG-MIL REDLION-ET-8XG-MIL Datasheet
824Kb / 3P
Military-Rated Gigabit Industrial Connectivity
ET-5XS-IP67 REDLION-ET-5XS-IP67 Datasheet
294Kb / 2P
Military-Rated Industrial Connectivity
logo
Power System Technology
PST06 PST-PST06 Datasheet
285Kb / 4P
Industrial / Transportation
logo
Japan Aviation Electron...
CT150-2-MX34 JAE-CT150-2-MX34 Datasheet
147Kb / 2P
Transportation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com