Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLM-PC Datasheet(PDF) 1 Page - ITT Industries

Part # XLM-PC
Description  Broadcasting Equipment Public Address (PA) System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

XLM-PC Datasheet(HTML) 1 Page - ITT Industries

  XLM-PC Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
A-03
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Audio
XLM-PC
TheXLM-PCaudioconnectorisaPCB
mount type with metal shell. Improved
EMI shielding. Intermateable with
XLB2 and XLR products.
Applications:
• Broadcasting Equipment
• Public Address (PA) System
• PCB mount type (metal shell).
• Glass-filled nylon insulator, UL 94V-0 rated.
• Improved EMI shielding.
• Space-saving (smaller shell).
• Snap-in PCB retention.
• Quick disconnect latch lock.
• Separate ground contact.
• Intermateable with XLB2, XLR.
• With grounding lug.
Performance Specifications
Contact Resistance
20 mΩ max.: PCS
30 mΩ max.: PCV
50 mΩ max.: PCH
Current Rating
3 A
DWV
1400 V ac
Insulation Resistance
5000 MΩ min. at 500 V dc
Operating Temperature
–35°C to 85°C (–31°F to 185°F)
Voltage Rating
133 V ac
Materials and Finishes
Description
Material
Finish
Contact
Copper Alloy
Silver
Insulator, Socket
PBT Glass-filled, UL 94V-0
—
Insulator, Pin
Nylon, UL 94V-0
—
Shell/Barrel
Zinc Alloy
Nickel
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
Product Features
For more information: www.ittcannon.com/cat340


Similar Part No. - XLM-PC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-11C-A176 ITT-XLM-3-11C-A176 Datasheet
409Kb / 6P
Microphones D/C Converters Tv Cameras
XLM-3-11C-F512 ITT-XLM-3-11C-F512 Datasheet
409Kb / 6P
Microphones D/C Converters Tv Cameras
XLM-3-11C-F77 ITT-XLM-3-11C-F77 Datasheet
409Kb / 6P
Microphones D/C Converters Tv Cameras
XLM-3-12C-A176 ITT-XLM-3-12C-A176 Datasheet
409Kb / 6P
Microphones D/C Converters Tv Cameras
XLM-3-12C-F512 ITT-XLM-3-12C-F512 Datasheet
409Kb / 6P
Microphones D/C Converters Tv Cameras
More results

Similar Description - XLM-PC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DX10LM-14SE HIROSE-DX10LM-14SE Datasheet
409Kb / 7P
D-configuration Connectors for Digital Broadcasting Equipment
logo
List of Unclassifed Man...
FA11250 ETC2-FA11250 Datasheet
37Kb / 1P
Public Address Power Amplifiers
logo
Advanced Crystal Techno...
ACTF4016 ACT-ACTF4016 Datasheet
92Kb / 4P
one channel IF filter for receivers of satellite broadcasting system.
SEPT 04
ACTF4818 ACT-ACTF4818 Datasheet
126Kb / 5P
one channel IF filter for receivers of satellite broadcasting system.
SEPT 04
ACTF4816B ACT-ACTF4816B Datasheet
118Kb / 5P
one channel IF filter for receivers of satellite broadcasting system
SEPT 04
logo
Oscilent Corporation
815-IF115.24M-A OSCILENT-815-IF115.24M-A Datasheet
138Kb / 2P
Digital Broadcasting
logo
NXP Semiconductors
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
logo
List of Unclassifed Man...
GS250 ETC2-GS250 Datasheet
163Kb / 2P
Gold Seal Series Public Address Amplifiers
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
Public safety
logo
Soshin electric Co., Lt...
BP37.15MHZ-2271 SOSHIN-BP37.15MHZ-2271 Datasheet
90Kb / 1P
Digital Broadcasting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com