Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

899-10-R10K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 899-10-R10K
Description  R/2R Ladder Dual-In-Line Thick Film Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

899-10-R10K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  899-10-R10K Datasheet HTML 1Page - List of Unclassifed Manufacturers 899-10-R10K Datasheet HTML 2Page - List of Unclassifed Manufacturers 899-10-R10K Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
4-157
Models 898, 899 Ladder
APPLICABLE DOCUMENTS
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
ELECTRICAL
Standard Resistance Range, Ohms
1K to 500K
Standard Resistance Tolerance, at 25°C
±2%
Operating Temperature Range
-40°C to +70°C
Temperature Coefficient of Resistance
±100ppm/°C
Maximum Operating Voltage
100Vdc or
√PR
Insulation Resistance
≥10,000 Megohms
Ladder Network Accuracy
8 Bits: ±1/2LSB, -40°C to +70°C
10 Bits:
±1LSB, -40°C to +70°C
MECHANICAL
Lead Material
Copper Alloy, 60/40 Tin-Lead Plating
Substrate Material
Alumina
Resistor Material
Cermet
MODELS 898, 899
R/2R Ladder
Dual-In-Line
Thick Film
Resistor Networks
Specifications subject to change without notice.


Similar Part No. - 899-10-R10K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
899-1-R220F ETC1-899-1-R220F Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
899-1-R220F ETC1-899-1-R220F Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
899-1-R330F ETC1-899-1-R330F Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
899-1-R330F ETC1-899-1-R330F Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Song Chuan Precision Co...
899-1A-C SONGCHUAN-899-1A-C Datasheet
272Kb / 3P
Baby Sugar Cube Relay.
More results

Similar Description - 899-10-R10K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T16L08 VISHAY-T16L08 Datasheet
108Kb / 2P
Dual-In-Line, 8 Bit R/2R Ladder Networks
01-Aug-05
logo
List of Unclassifed Man...
6BIT103G ETC1-6BIT103G Datasheet
39Kb / 1P
R/2R RESISTOR LADDER NETWORKS
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
898 ETC1-898 Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Bourns Electronic Solut...
4116R-R2R-503 BOURNS-4116R-R2R-503 Datasheet
60Kb / 1P
R/2R Ladder Networks
logo
Bi technologies
628L BITECH-628L Datasheet
56Kb / 4P
R/2R Ladder .220??Small Outline Thick Film DIP Surface Mount Resistor Networks
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
logo
Bourns Electronic Solut...
4116R-R2R-104 BOURNS-4116R-R2R-104 Datasheet
383Kb / 1P
R/2R Series Thick Film Networks
4816P-R2R-103 BOURNS-4816P-R2R-103 Datasheet
383Kb / 1P
R/2R Series Thick Film Networks
logo
Welwyn Components Limit...
628L WELWYN-628L Datasheet
181Kb / 4P
R/2R Ladder Thick Film DIP Surface Mount
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com