Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCCP1 Datasheet(PDF) 1 Page - ITT Industries

Part # LPCCP1
Description  Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

LPCCP1 Datasheet(HTML) 1 Page - ITT Industries

  LPCCP1 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Mobile
RF: LPC CP1/CP2
The LPC CP1/CP2 RF switchable
connectors
are
ideal
for
small
handsets and offer high performance
in a very compact design and a unique cold
pin to minimize the RF emissions in unmated
conditions.
Applications:
Antenna Interconnect for Satellite TV
Receiver
Mobile Phones
PDA
Portable Radio
Cold pin to minimize RF emissions in
unmated conditions.
Low profile of 5,6 mm.
0.2 g weight.
100% checked on assembly.
Seal to prevent dust and water penetration.
Standard tape and reel packaging.
Performance Specifications
Connector Durability
12,000 mating cycles min.
Corrosive Atmosphere
Battele class II
Frequency Range
0.8 to 2 GHz
Humidity
Operable in 90% relative humidity, temp. 40°C (104°F)
Impedance
50 Ω nominal
Insertion Loss
at 0.8 to 2 GHz <0.1 dB
Mating Force
>4 N and <7 N (when mated with plug)
Maximum Dimensions
3.5 x 5.1 x 5.6 mm (H x W x D)
Offset Mating
0.95 mm
Operating Temperature
–40°C to 85°C (–40°F to 185°F)
Packaging
Tape and Reel, 13 in. Reel, 1000 pieces per reel
Salt Spray
In accordance with IEC 68-2-11, Method Ka
Shock
105
g (force) 6 directions over 3 axis
Solder System
Hand soldering, Infrared reflow soldering
Vibration
3 dB/octave 20 to 80 Hz
0.53
g2/Hz 80 to 350 Hz
3 dB/octave 350 to 2000 Hz
VSWR
at 2000 MHz ≤1.2:1
Materials and Finishes
Description
Material
Finish
Shell
Brass
Gold
Insulator
LPC Resin
Color: Black
Contact, Fixed
Brass
Gold
Contact, Moving
Beryllium Copper
Gold
Cold Pin
Brass
Gold
Gasket
Silicone Rubber
Color: Black
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
Product Features
For more information: www.ittcannon.com/cat264
M-10


Similar Part No. - LPCCP1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
LPC VCC-LPC Datasheet
78Kb / 1P
VERTICAL CLIPLITE 4MM LITEPIPE
logo
Marl International Limi...
LPC MARL-LPC Datasheet
78Kb / 1P
CLIPLITE 4MM LITEPIPE VERTICAL
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
logo
Automatic Timing & Cont...
LPC ATC-LPC Datasheet
343Kb / 1P
Liquid Level Pump Controller
logo
IDEM Safety Switches
LPC IDEM-SAFETY-LPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
More results

Similar Description - LPCCP1

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MBF9411B OKI-MBF9411B Datasheet
155Kb / 8P
Surface Acoustic Wave (SAW) Filters for Mobile and Portable Phones
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
FM RADIO RECEIVER FOR PORTABLE SYSTEM
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
logo
Molex Electronics Ltd.
0479510001 MOLEX11-0479510001 Datasheet
262Kb / 3P
MOBILE TV ANTENNA AFTER MOLDING
logo
Mitsumi Electronics, Co...
XMA-C1P6 MITSUMI-XMA-C1P6 Datasheet
118Kb / 2P
This car antenna receiver U.S satellite digital radio broadcasts
DCA-PXXX MITSUMI-DCA-PXXX Datasheet
47Kb / 2P
Internal TV Antenna for Mobile Equipment
logo
NXP Semiconductors
PN544 NXP-PN544 Datasheet
1Mb / 4P
NXP NFC controller PN544 for mobile phones and portable equipment
September 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com