Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC823 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC823
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC823 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC823 Datasheet HTML 17Page - NXP Semiconductors MPC823 Datasheet HTML 18Page - NXP Semiconductors MPC823 Datasheet HTML 19Page - NXP Semiconductors MPC823 Datasheet HTML 20Page - NXP Semiconductors MPC823 Datasheet HTML 21Page - NXP Semiconductors MPC823 Datasheet HTML 22Page - NXP Semiconductors MPC823 Datasheet HTML 23Page - NXP Semiconductors MPC823 Datasheet HTML 24Page - NXP Semiconductors MPC823 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 242 page
background image
OPERATING INSTRUCTIONS
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Warning
Due to availability problems with few of the sup-
ported memory components, the below initializa-
tions were not tested with all parts. Therefore, the
below initializations are liable to CHANGE,
throughout the testing period.
TABLE 3-3. Memory Controller Initializations For 50Mhz
Register
Device Type
Init Value [hex]
Description
BR0
All
Flash
SIMMs
supported.
02200001
Base at 2200000, 32 bit port size, no parity, GPCM
OR0
MCM29F020-90
FFE00D34
2MByte block size, all types access, CS early negate,
6 w.s., Timing relax
MCM29F040-90
SM732A1000A-9
FFC00D34
4MByte block size, all types access, CS early negate,
6 w.s., Timing relax
MCM29F080-90
SM732A2000-9
FF800D34
8MByte block size, all types access, CS early negate,
6 w.s., Timing relax
MCM29F020-12
FFE00D44
2MByte block size, all types access, CS early negate,
8 w.s., Timing relax
MCM29F040-12
SM732A1000A-12
FFC00D44
4MByte block size, all types access, CS early negate,
8 w.s., Timing relax
MCM29F080-12
SM732A2000-12
FF800D44
8MByte block size, all types access, CS early negate,
8 w.s., Timing relax
BR1
BCSR
02100001
Base at 2100000, 32 bit port size, no parity, GPCM
OR1
FFFF8110
32 KByte block size, all types access, CS early
negate, 1 w.s.
BR2
All
Dram
SIMMs
Supported
00000081
Base at 0, 32 bit port size, no parity, UPMA
OR2
MCM36100/200-60/70
FFC00800
4MByte block size, all types access, initial address
multiplexing according to AMA.
MCM36400/800-60/70
MT8/16D432/832X-6/7
FF000800
16MByte block size, all types access, initial address
multiplexing according to AMA.
BR3
MCM36200-60/70
00400081
Base at 400000, 32 bit port size, no parity, UPMA
MCM36800-60/70
MT16D832X-6/7
01000081
Base at 1000000, 32 bit port size, no parity, UPMA
OR3
MCM36200-60/70
FFC00800
4MByte block size, all types access, initial address
multiplexing according to AMA
MCM36800-60/70
MT16D832X-6/7
FF000800
16MByte block size, all types access, initial address
multiplexing according to AMA.
BR4
MB811171622A-100
030000C1
Base at 3000000, on UPM B
OR4
FFC00A00
4 MByte block size, all types access, initial address
multiplexing according to AMB.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com