Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCMID Datasheet(PDF) 1 Page - ITT Industries

Part # LPCMID
Description  Mobile Mobile Phones PDA Portable Radio Portable Satellite
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

LPCMID Datasheet(HTML) 1 Page - ITT Industries

  LPCMID Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Mobile
RF: LPC MID
The MID switchable connector is
lightweight, small in size, and surface
mounted with a low profile of 3,47
mm. This new generation of mobile phone
connectors uses the latest plated plastics
technology, which permits the outer shape to
be modified easily, allowing for a more
flexible design.
Applications:
• Mobile Phones
• PDA
• Portable Radio
• Portable Satellite
Performance Specifications
Connector Durability
12,000 mating cycles min.
Corrosive Atmosphere
In accordance with IEC 68-2-60: SO
2H2S No Damage
Frequency Range
0 to 2 GHz
Humidity
Operable in 90% relative humidity, temp. 40°C (104°F)
Impedance
50 Ω nominal
Mating Force of Ground
4 N and < 7 N
Mating Force of Signal
> 0.20 N after 2 soldering processes and 10,000 mating cycles
Mounting
Surface Mount
Offset Mating
0.9 mm
Operating Temperature
–40°C and 85°C (–40°F to 185°F)
Packaging
Tape & Reel, 2000 pieces per reel
Salt Spray
In accordance with IEC 68-2-11, Method Ka
Shock
In accordance with IEC 68-2-27: 30
g (force) = 294.2 m/s
2 6 ms 1/2 sine
6 directions - No discontinuity
Solder System
Infrared and hot air reflow
Vibration
In accordance with IEC 68-2-36: 1.92 10
–2g/Hz 5 to 200 Hz in 3 axis
– No discontinuity
A
Att 990000 M
MH
Hzz
A
Att 11880000 M
MH
Hzz
A
Att 22000000 M
MH
Hzz
Voltage Standing Wave Ratio (VSWR)
<1.2:1
<1.3:2
<1.3:1
After 500 mating cycles
<1.3:1
<1.4:1
<1.4:1
Insertion loss on customer PCB (mismatch losses
Included) through PCB connector (unmated)
<0.1 dB
<0.1 dB
<0.1 dB
Isolation between switching contacts
>30 dB
>25 dB
>25 dB
Materials and Finishes
Description
Material
Finish
Shell
LCP
Gold
Insulator
LCP
Color: Natural
Moving Contact
Beryllium Copper
Gold
Fixed Contact
Brass
Gold
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
M-13
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
• Compact design and lightweight.
• Plastic plated shell.
• 100% inspected on assembly.
Product Features
For more information: www.ittcannon.com/cat267


Similar Part No. - LPCMID

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
LPCM VCC-LPCM Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
LPCM030CTP VCC-LPCM030CTP Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
LPCM040CTP VCC-LPCM040CTP Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
LPCM050CTP VCC-LPCM050CTP Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
LPCM060CTP VCC-LPCM060CTP Datasheet
1Mb / 1P
Low Profi le, Panel Flush Light Pipe
More results

Similar Description - LPCMID

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA08H1317M MITSUBISHI-RA08H1317M Datasheet
53Kb / 9P
135-175MHz 8W 12.5V PORTABLE/MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M Datasheet
71Kb / 9P
440-520MHz 7W 12.5V PORTABLE/ MOBILE RADIO
logo
OKI electronic componet...
MBF9411B OKI-MBF9411B Datasheet
155Kb / 8P
Surface Acoustic Wave (SAW) Filters for Mobile and Portable Phones
logo
ITT Industries
LPCCP1 ITT-LPCCP1 Datasheet
62Kb / 1P
Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
New Jersey Semi-Conduct...
SD1134-05 NJSEMI-SD1134-05 Datasheet
70Kb / 2P
VHP PORTABLE/MOBILE APPLICATIONS
logo
Sangdest Microelectroni...
SMP1005-01ETG SMC-SMP1005-01ETG Datasheet
277Kb / 5P
Mobile Phones
logo
NXP Semiconductors
PN544 NXP-PN544 Datasheet
1Mb / 4P
NXP NFC controller PN544 for mobile phones and portable equipment
September 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com