Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCSP1 Datasheet(PDF) 1 Page - ITT Industries

Part # LPCSP1
Description  Mobile Mobile Phones Portable Radio Portable Satellite PDA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

LPCSP1 Datasheet(HTML) 1 Page - ITT Industries

  LPCSP1 Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Mobile
RF: LPC SP1
TheLPCSP1isthewaterproofversion
of the LPC CP1/CP2 RF switchable
connector. It features a special seal,
allowing it to be IP67 compliant (1 meter of
water). These connectors are ideal for small
handsets. They offer high performance in a
very compact design with a unique cold pin to
minimize the RF emissions in unmated
conditions.
Applications:
• Mobile Phones
• Portable Radio
• Portable Satellite
• PDA
M-15
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
• Sealed to IP67.
• Cold pin to minimize RF emissions
in unmated conditions.
• 0.2 g weight.
• 100% checked on assembly.
• Low profile of 5,6 mm.
• Seal to prevent dust and water
penetration.
• Standard tape and reel packaging.
Performance Specifications
Connector Durability
12,000 mating cycles min.
Corrosive Atmosphere
Battele class II
Environmental Sealing
Up to IP67
Frequency Range
0.8 to 2 GHz
Humidity
Operable in 90% relative humidity, temp. 40°C (104°F)
Impedance
50 Ω nominal
Insertion Loss
At 0.8 to 2 GHz <0.1 dB
Mating Force of Ground
4 N and <7 N
Offset Mating
0.95 mm
Packaging
Tape & Reel, 1000 pieces per reel
Salt Spray
In accordance with IEC 68-2-11, Method Ka
Shock
105
g (force) 6 directions over 3 axis
Solder System
Hand soldering, Infrared reflow soldering
Temperature Rating
–40°C and 85°C (–40°F to 185°F)
Vibration
+3 dB/octave 20 to 80 Hz
0.53
g
2/Hz 80 to 350 Hz
+3 dB/octave 350 to 2000 Hz
VSWR
At 2000 MHz ≤1.2:1
Materials and Finishes
Description
Material
Finish
Shell
Brass
Gold
Insulator
LPC
Color: Black
Contact, Moving
Beryllium Copper
Gold
Contact, Fixed
Brass
Gold
Cold Pin
Brass
Gold
Gasket
Silicone Rubber
—
Seal
Rubber
—
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
Product Features
For more information: www.ittcannon.com/cat269


Similar Part No. - LPCSP1

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
LPCS SEI-LPCS Datasheet
571Kb / 7P
SMD Shielded Power Inductor
08/30/2019
LPCS2624 SEI-LPCS2624 Datasheet
571Kb / 7P
SMD Shielded Power Inductor
08/30/2019
LPCS2624-HP SEI-LPCS2624-HP Datasheet
571Kb / 7P
SMD Shielded Power Inductor
08/30/2019
LPCS2624HPMT101-HC SEI-LPCS2624HPMT101-HC Datasheet
571Kb / 7P
SMD Shielded Power Inductor
08/30/2019
LPCS2624HPMT101-HP SEI-LPCS2624HPMT101-HP Datasheet
571Kb / 7P
SMD Shielded Power Inductor
08/30/2019
More results

Similar Description - LPCSP1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA08H1317M MITSUBISHI-RA08H1317M Datasheet
53Kb / 9P
135-175MHz 8W 12.5V PORTABLE/MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA07H4452M MITSUBISHI-RA07H4452M Datasheet
71Kb / 9P
440-520MHz 7W 12.5V PORTABLE/ MOBILE RADIO
logo
OKI electronic componet...
MBF9411B OKI-MBF9411B Datasheet
155Kb / 8P
Surface Acoustic Wave (SAW) Filters for Mobile and Portable Phones
logo
ITT Industries
LPCCP1 ITT-LPCCP1 Datasheet
62Kb / 1P
Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
New Jersey Semi-Conduct...
SD1134-05 NJSEMI-SD1134-05 Datasheet
70Kb / 2P
VHP PORTABLE/MOBILE APPLICATIONS
logo
Sangdest Microelectroni...
SMP1005-01ETG SMC-SMP1005-01ETG Datasheet
277Kb / 5P
Mobile Phones
logo
NXP Semiconductors
PN544 NXP-PN544 Datasheet
1Mb / 4P
NXP NFC controller PN544 for mobile phones and portable equipment
September 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com