Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-D Datasheet(PDF) 1 Page - ITT Industries

Part # PCB-D
Description  D Subminiature Straight
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PCB-D Datasheet(HTML) 1 Page - ITT Industries

  PCB-D Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
F-04
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D Subminiature
Straight PCB – D*
The D*, straight solder termination
(machined contact), European PC tail
connectors are available for high
performance
uses
according
to
CECC 75 301 802 (DIN 41652). Available with
European length OL2 and OL4 contacts.
Applications:
• Communication Systems
• Information Systems
• Medical
• Test Equipment
• High performance commercial class
connectors.
• Two contact finish performance classes.
• Optional vertical standoffs, threaded inserts
and pushfits/boardlocks.
• OL2 and OL4 contact lengths.
• Tin plated contact PC tails (pin & socket).
• Machined PCB contacts.
Performance Specifications
Contact Resistance
10 mΩ
Contact Spacing
2,84 (.112)
Contact Termination
Solder, Straight PCB (machined contacts)
Coupling
Friction/hardware
Current Rating
5 A
DWV
1250 V ac at sea level
Number of Circuits
Up to 50: 9, 15, 25, 37, 50
Operating Temperature
–55°C to 125°C (–67°F to 257°F)
Polarization
Keystone shape of shell
Shell Style
2 piece design
Size or length
5 sizes – E, A, B, C, D
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
Color: Black
Contact
Copper Alloy
Engaging Area: Gold over Nickel
Terminating End: Tin
Hardware
Steel or Copper Alloy
Tin or Zinc
Product Features
For more information: www.ittcannon.com/cat226
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Part No. - PCB-D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-DNG ITT-PCB-DNG Datasheet
67Kb / 1P
D Subminiature Communication Systems Information Systems Medical Test Equipment
logo
Roithner LaserTechnik G...
PCB-DRIVER-41 ROITHNER-PCB-DRIVER-41 Datasheet
779Kb / 6P
led driver for mid-ir leds
PCB-DRIVER-51 ROITHNER-PCB-DRIVER-51 Datasheet
1,001Kb / 6P
led driver for mid-ir leds
More results

Similar Description - PCB-D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZDA ITT-ZDA Datasheet
59Kb / 1P
D Subminiature
logo
Adam Technologies, Inc.
DB25-PE-1 ADAM-TECH-DB25-PE-1 Datasheet
121Kb / 1P
D-SUBMINIATURE HIGH PROFILE STRAIGHT PCB TAIL
DB25SAM2 ADAM-TECH-DB25SAM2 Datasheet
257Kb / 2P
D-SUBMINIATURE FLUSH MOUNT STRAIGHT PCB TAIL
DB25ST1SL ADAM-TECH-DB25ST1SL Datasheet
209Kb / 2P
D-SUBMINIATURE STRAIGHT & WIRE WRAP PCB TAIL
logo
ITT Industries
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
D Subminiature Connectors
logo
List of Unclassifed Man...
KF22X-E9P-N ETC2-KF22X-E9P-N Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
Kycon, Inc.
K22X KYCON-K22X Datasheet
667Kb / 1P
D-SUBMINIATURE CONNECTORS
K22XHT KYCON-K22XHT Datasheet
1Mb / 1P
D-SUBMINIATURE CONNECTORS
logo
ITT Industries
D110551 ITT-D110551 Datasheet
45Kb / 2P
D Subminiature Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com