Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-DM Datasheet(PDF) 1 Page - ITT Industries

Part # PCB-DM
Description  D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PCB-DM Datasheet(HTML) 1 Page - ITT Industries

  PCB-DM Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
F-12
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D Subminiature
Straight PCB – D*M
The D*M, straight solder termination
(machined contact), standard PC tail
connectors, equivalent to MIL-DTL-
24308 qualified versions (except for finishes)
for printed circuit boards and backplanes in
demanding applications. Additional contact
lengths, hardware and finish options
available.
Applications:
Aerospace
Communication Systems
Information Systems
Medical
Test Equipment
Transportation
7.5 A current capacity.
Machined PCB contacts.
Two contact finishes.
Optional vertical standoffs, screw locks and
boardlocks (4 prongs).
UL file number E8572.
Dimensionally compatible with Combo D.
Performance Specifications
Contact Resistance
55 mV max. at 7.5 A test current
Contact Termination
Solder, Straight PCB (machined)
Coupling
Friction/hardware
Current Rating
7.5 A
DWV
1000 V ac at sea level
Number of Circuits
Up to 50: 9, 15, 25, 37, 50 (size 20)
Operating Temperature
–55°C to 125°C (–67°F to 257°F)
Polarization
Keystone shape of shell
Shell Style
2 piece design
Size or Length
5 sizes – E, A, B, C, D
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
Color: Dark Green
Contact, Pin
Copper Alloy
Gold over Nickel
Contact, Socket
Copper Alloy
Engaging Area: Gold over Nickel
Terminating End: Tin
Hardware
Steel or Copper Alloy
Tin or Zinc
Product Features
For more information: www.ittcannon.com/cat234
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Part No. - PCB-DM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PCB-D ITT-PCB-D Datasheet
65Kb / 1P
D Subminiature Straight
PCB-DNG ITT-PCB-DNG Datasheet
67Kb / 1P
D Subminiature Communication Systems Information Systems Medical Test Equipment
logo
Roithner LaserTechnik G...
PCB-DRIVER-41 ROITHNER-PCB-DRIVER-41 Datasheet
779Kb / 6P
led driver for mid-ir leds
PCB-DRIVER-51 ROITHNER-PCB-DRIVER-51 Datasheet
1,001Kb / 6P
led driver for mid-ir leds
More results

Similar Description - PCB-DM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PCB-DNG ITT-PCB-DNG Datasheet
67Kb / 1P
D Subminiature Communication Systems Information Systems Medical Test Equipment
PCB-ZD ITT-PCB-ZD Datasheet
62Kb / 1P
D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
logo
Z-Communications, Inc
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
Automotive and Transportation Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
Satellite communication systems
logo
ETAL Group
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
8340-F ETAL-8340-F Datasheet
463Kb / 6P
Control equipment, communications systems, transportation, power supplies
8340-T ETAL-8340-T Datasheet
409Kb / 6P
Power supplies, control equipment, communication systems, EDP systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com