Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC723482W Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC723482W
Description  Low-Voltage ETR-Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723482W Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC723482W Datasheet HTML 1Page - Sanyo Semicon Device LC723482W Datasheet HTML 2Page - Sanyo Semicon Device LC723482W Datasheet HTML 3Page - Sanyo Semicon Device LC723482W Datasheet HTML 4Page - Sanyo Semicon Device LC723482W Datasheet HTML 5Page - Sanyo Semicon Device LC723482W Datasheet HTML 6Page - Sanyo Semicon Device LC723482W Datasheet HTML 7Page - Sanyo Semicon Device LC723482W Datasheet HTML 8Page - Sanyo Semicon Device LC723482W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
No. 7253-2/15
LC723481W/2W/3W
Continued from preceding page.
I/O ports: 16 pins (Of these 8 can be switched over to
function as LCD ports as a mask options.)
• PLL: Dead band control is supported. (Four types)
Reference frequencies: 1, 3, 3.125, 5, 6.25, 12.5,
and 25 kHz
• Input frequencies: FM band: 10 to 250 MHz
AM band: 0.5 to 40 MHz
• Input sensitivity:
FM band: 35 mVrms (50 mVrms at 130 MHz or higher
frequency)
AM band: 35 mVrms
• IF counting: Using the HCTR input pin for 0.4 to
12 MHz signals
• External reset input: During CPU and PLL operations,
instruction execution is started from
location 0.
• Built-in power-on reset circuit:
The CPU starts execution from location 0 when power is
first applied.
• Halt mode: The controller-operating clock is stopped.
• Backup mode: The crystal oscillator is stopped.
• Static power-on function: Backup state is cleared with
the PF port
• Beep tone: 1.5625 and 3.125 kHz
• Built-in low-pass filter amplifier: This circuit obviates
the need for an external amplifier for the PLL circuit and
contributes to reduced end product costs.
• Built-in DC/DC converter:
Cost reduced in tuner-use power supply circuit
• Memory retention voltage: 0.9 V at least
• VDD voltage
— PLL: 1.8 to 3.6 V
— CPU: 1.4 to 3.6 V
— ADC: 1.6 to 3.6 V
• Optional function switches:
— PH0 to PH3/S13 to S16
— PG0 to PG3/S17 to S20
— PG0 to PG3 (open-drain output/general-purpose
output)
— PH0 to PH3 (open-drain output/general-purpose
output)
— FM DC/DC clock (75 kHz or 1/256 times the local
FM oscillator frequency)
— AM DC/DC clock (1/2, 1/4, 1/8, or 1/16 times the
AM local oscillator frequency)
• Package: SQFP-64 (0.5-mm pitch)
Pin Assignment
XOUT
TEST2
PA3
PB3
PC3
PD3
PD2
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
COM4
COM3
COM2
COM1
PC2
PC1
PC0
PB2
PB1
PB0
PA2
PA1
PA0
1
48
2
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
3
4
5
6
7
8
9
10
11
12
13
14
15
16
General-purpose
inputs
General-purpose unbalanced outputs
Open drain outputs
General-purpose I/O
General-
purpose
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com