Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74VCX16245 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74VCX16245
Description  2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16245 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74VCX16245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PS8325
09/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74VCX16245
2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
Test Circuits and Switching Waveforms
Parameter Measurement Information (VDD = 1.8V - 3.6V)
Setup, Hold, and Release Timing
Pulse Width
Switch Position
Propagaton Delay
Enable Disable Timing
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that
the output is LOW except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is HIGH except when disabled by the output
control.
C. All input pulses are supplied by generators having the follow
ing characteristics:
PRR ≤ 10 MHz, ZO = 50Ω,
tR ≤ 2ns,
tF ≤ 2ns,
measured from 10% to 90%, unless otherwise specified.
D. The outputs are measured one at a time with one transition per
measurement.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Output
Control
(Active LOW)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPLZ
VDD
0V
VDD
VOL
0V
Output
Waveform 1
S1 at 2xVDD
(see Note B)
+0.15V
-0.15V
VOH
VDD
tPHZ
tPZH
VDD/2
VDD/2
VDD/2
CL
R1
500
Ω
30pF
From Output
Under Test
GND
2 x VDD
Open
(See Note A)
RL
500
Ω
Data
Input
tH
VDD
tSU
0V
Timing
Input
VDD
0V
VDD/2
VDD/2
Low-High-Low
Pulse
tW
High-Low-High
Pulse
VDD
0V
VDD
0V
VDD/2
VDD/2
Input
Opposite Phase
Input Transition
tPLH
tPHL
tPLH
tPHL
VDD
0V
VDD
VOL
VDD
0V
Output
VDD/2
VDD/2
VDD/2
t
s
e
T1
S
t D
P
n
e
p
O
t Z
L
P /t L
Z
P
x
2V D
D
t Z
H
P /t H
Z
P
D
N
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com