Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3604 Datasheet(PDF) 15 Page - Catalyst Semiconductor

Part # CAT3604
Description  Catalyst Semiconductor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3604 Datasheet(HTML) 15 Page - Catalyst Semiconductor

Back Button CAT3604 Datasheet HTML 11Page - Catalyst Semiconductor CAT3604 Datasheet HTML 12Page - Catalyst Semiconductor CAT3604 Datasheet HTML 13Page - Catalyst Semiconductor CAT3604 Datasheet HTML 14Page - Catalyst Semiconductor CAT3604 Datasheet HTML 15Page - Catalyst Semiconductor CAT3604 Datasheet HTML 16Page - Catalyst Semiconductor CAT3604 Datasheet HTML 17Page - Catalyst Semiconductor CAT3604 Datasheet HTML 18Page - Catalyst Semiconductor CAT3604 Datasheet HTML 19Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
13
w w w . c a t s e m i . c o m
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
I2C INTERFACE I/O EXPANDERs
Part
Number
I/Os
Cascadable
Operating
Voltage
INT/
RESET
Internal
I/O
Pullups
LED Blink/ PWM
Packages (Pin Count)1
SOIC
(S,V,GV)
TSSOP
(U,Y,GY)
TQFN
(HS4,HV4,GV4)
(4x4mm)
CAT9554
8 GPIO
8 Slave ID Addresses
2.3 V to 5.5 V
INT out
NA
163
16
16
CAT9554A
8 GPIO
8 Slave ID Addresses
2.3 V to 5.5 V
INT out
NA
163
16
16
CAT9534
8 GPIO
8 Slave ID Addresses
2.3 V to 5.5 V
INT out
NA
163
16
16
CAT9555
16 GPIO
8 Slave ID Addresses
2.3 V to 5.5 V
INT out
NA
24
24
24
CAT9535
16 GPIO
8 Slave ID Addresses
2.3 V to 5.5 V
INT out
NA
24
24
24
CAT73112
16 GPIO
64 Slave ID Addresses
2.3 V to 5.5 V
INT out
NA
24
24
24
CAT9532
16 LED Dimmer/ GPIO
8 Slave ID Addresses
2.3 V to 5.5 V
RESET in
BLINK0/PWMO,
BLINK1/PWM1
24
24
24
CAT9552
16 LED Blinker/ GPIO
8 Slave ID Addresses
2.3 V to 5.5 V
RESET in
BLINK0/PWMO,
BLINK1/PWM1
24
24
24
i 2 c a n d s m b u s i / o p o r t e x p a n d e r s
CAT9532
A1
A0
VSS
SDA
SCL
RESET
VDD
SDA
SCL
A2
LED0
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED12
LED13
LED14
LED15
General
Purpose
I/O
Note: LED0 to LED12 are used as LED drivers
LED13 to LED15 are used as regular GPIOs.
VCC
RSET
LED11
CAT9532 — I2C Interfaced 16-bit LED Dimmer
CAT9552 — I2C Interfaced 16-bit LED Blinker
Features
■
256 discrete brightness steps for easy LED dimming and color mixing
■
two programmable blinking rate between 0.625 sec and 1.6 sec for
CAT9532;0.02sec and 6.4 sec for CAT9552
■
eliminates repeated commands to turn on/off LEDs,reducing I2C traffic
■
drives up to 16 LEDs;any bit that is not used to drive an LED can be used
as a GPIO
■
25mA sink current per bit (max 200mA per device)
■
each port can be individually turned on,off,or programmed to blink
■
during power-up or when a manual reset (hardware reset) is asserted,
all outputs are set to off-mode
■
built in noise filter for SDA/SCL inputs
■
0-400KHz clock frequency
Applications
■
LED dimming
■
LCD backlighting
■
celluar phones
Notes:
1. Available in standard and“green”packages.
2. CAT7311 is pin compatible with the MAX7311.All other products are pin compatible with Philips (replace PCA with CAT to order).
3. 300 mil wide
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com