Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7448 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC7448
Description  RISC Microprocessor Hardware Specifications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7448 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC7448 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7448 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
© Freescale Semiconductor, Inc., 2005, 2006. All rights reserved.
Freescale Semiconductor
Technical Data
This document is primarily concerned with the PowerPC™
MPC7448. The MPC7448 is an implementation of the
PowerPC™ microprocessor family of reduced instruction set
computer (RISC) microprocessors built on Power
Architecture™ technology. This document describes pertinent
electrical and physical characteristics of the MPC7448. For
information regarding specific MPC7448 part numbers
covered by this document and part numbers covered by other
documents, refer to Section 11, “Part Numbering and
Marking.” For functional characteristics of the processor, refer
to the MPC7450 RISC Microprocessor Family Reference
Manual.
To locate any published updates for this document, refer to the
website listed on the back cover of this document.
1Overview
The MPC7448 is the sixth implementation of fourth-
generation (G4) microprocessors from Freescale. The
MPC7448 implements the full 32-bit PowerPC architecture
(which is part of the Power Architecture technology) and is
targeted at networking and computing systems applications.
The MPC7448 consists of a processor core and a 1-Mbyte L2.
Figure 1 shows a block diagram of the MPC7448. The core is
a high-performance superscalar design supporting a
double-precision floating-point unit and a SIMD multimedia
unit. The memory storage subsystem supports the MPX bus
protocol and a subset of the 60x bus protocol to main memory
and other system resources.
Document Number: MPC7448EC
Rev. 3, 10/2006
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
3. Comparison with the MPC7447A, MPC7447,
MPC7445, and MPC7441 . . . . . . . . . . . . . . . . . . . . . . 7
4. General Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
5. Electrical and Thermal Characteristics . . . . . . . . . . . . 9
6. Pin Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
7. Pinout Listings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
8. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 28
9. System Design Information . . . . . . . . . . . . . . . . . . . 34
10. Document Revision History . . . . . . . . . . . . . . . . . . . 56
11. Part Numbering and Marking . . . . . . . . . . . . . . . . . . 57
MPC7448
RISC Microprocessor
Hardware Specifications


Similar Part No. - MPC7448

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7448 FREESCALE-MPC7448 Datasheet
478Kb / 8P
Hardware Specifications Addendum for the MC7448T xxnnnnmx Series
MPC7448 FREESCALE-MPC7448 Datasheet
753Kb / 60P
RISC Microprocessor Hardware Specifications
MPC7448 FREESCALE-MPC7448 Datasheet
754Kb / 60P
RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC7448 NXP-MPC7448 Datasheet
513Kb / 8P
MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
logo
Freescale Semiconductor...
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
RISC Microprocessor Hardware Specifications
More results

Similar Description - MPC7448

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC7457EC FREESCALE-MPC7457EC Datasheet
1Mb / 68P
RISC Microprocessor Hardware Specifications
logo
Motorola, Inc
MPC755 MOTOROLA-MPC755 Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
logo
Freescale Semiconductor...
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
RISC Microprocessor Hardware Specifications
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
RISC Microprocessor Hardware Specifications
MPC7447A FREESCALE-MPC7447A_06 Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
MPC7448EC FREESCALE-MPC7448EC Datasheet
753Kb / 60P
RISC Microprocessor Hardware Specifications
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
RISC Microprocessor Hardware Specifications
KMC7448HX1700LD FREESCALE-KMC7448HX1700LD Datasheet
754Kb / 60P
RISC Microprocessor Hardware Specifications
logo
NXP Semiconductors
MPC755EC NXP-MPC755EC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 8, 02/2006
MPC7447AEC NXP-MPC7447AEC Datasheet
1Mb / 56P
RISC Microprocessor Hardware Specifications
Rev. 5, 01/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com