Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZDC834ATA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZDC834ATA
Description  SILICON DUAL VARIABLE CAPACITANCE DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZDC834ATA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZDC834ATA Datasheet HTML 1Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 2Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 3Page - Zetex Semiconductors ZDC834ATA Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISSUE 3 - APRIL 2001
ZDC834A
2
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Forward Current (single diode)
I
F
200
mA
Power Dissipation at T
amb=25°C (a)
Linear Derating Factor
P
D
330
3
mW
mW/°C
Operating and Storage Temperature Range
T
j:Tstg
-55 to +150
°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient (a)
RθJA
417
°C/W
NOTES
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C ).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Reverse Breakdown
Voltage
V
BR
25
V
I
R =10µA
Reverse Leakage Current
I
R
0.2
20
nA
V
R = 20V
Temperature Coefficient
η
400
ppm/°C
V
R = 3V, f=1MHz
Diode Capacitance
C
d
42.3
47
51.7
pF
V
R = 2V, f=1MHz
Capacitance Ratio
C
d /Cd
5.0
6.5
V
R = 2V/20V, f=1MHz
Figure of Merit
Q
200
V
R = 3V, f=50MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com