Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FELSIC105LP Datasheet(PDF) 2 Page - Exxelia Group

Part # FELSIC105LP
Description  8 000 h / 105°C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSIC105LP Datasheet(HTML) 2 Page - Exxelia Group

  FELSIC105LP Datasheet HTML 1Page - Exxelia Group FELSIC105LP Datasheet HTML 2Page - Exxelia Group FELSIC105LP Datasheet HTML 3Page - Exxelia Group FELSIC105LP Datasheet HTML 4Page - Exxelia Group FELSIC105LP Datasheet HTML 5Page - Exxelia Group FELSIC105LP Datasheet HTML 6Page - Exxelia Group FELSIC105LP Datasheet HTML 7Page - Exxelia Group FELSIC105LP Datasheet HTML 8Page - Exxelia Group FELSIC105LP Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
39
Revision 01/19
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
FELSIC 105 LP
8 000 h / 105°C
BC
Rated voltage
(V)
Capacitance
(µF)
Can
ESR
100 Hz +20°C
Z
+20°C 10
kHz
max.
(mΩ)
Il
+20°C 5
min.
max.
(mA)
I ~
Code
Ø
mm (inches)
H
mm (inches)
Typic
(mΩ)
max.
(mΩ)
+40°C max.
(A)
+105°C
(A)
BC
10
220000
90
(3,543)
67
(2,638)
4
5
5
5
150
61
A 756032
16
150000
90
(3,543)
67
(2,638)
5
8
8
5
150
55
A 756057
25
100000
90
(3,543)
67
(2,638)
6
9
9
5
150
50
A 756099
40
68000
90
(3,543)
67
(2,638)
7
11
11
6
150
46
A 756138
63
33000
90
(3,543)
67
(2,638)
10
15
13
6
146
39
A 756178
63
47000
90
(3,543)
67
(2,638)
7
11
9
6
150
46
A 756180
100
15000
90
(3,543)
67
(2,638)
12
20
16
6
131
35
A 756215
160
6800
90
(3,543)
67
(2,638)
14
21
18
6
100
27
A 756254
250
3300
90
(3,543)
67
(2,638)
19
29
23
6
86
23
A 756295
350
2200
90
(3,543)
67
(2,638)
30
45
35
6
68
18
A 756336
350
3300
90
(3,543)
67
(2,638)
25
38
30
6
75
20
A 756339
400
2200
90
(3,543)
67
(2,638)
40
60
45
6
60
16
A 756373
450
1500
90
(3,543)
67
(2,638)
45
68
48
6
56
15
A 756412
450
2000
90
(3,543)
67
(2,638)
40
60
50
6
60
16
A 756415
450
2200
90
(3,543)
67
(2,638)
30
44
35
6
68
18
A 756416
UR
10 V 16 V 25 V 40 V 63 V 100 V 160 V 250 V 350 V 400 V 450 V
Up
11,5
18
29
46
72
115
184 288 385 440 495
Us
235 340 450 495 540
PEAK VOLTAGE (V)
1000 cycles, without ripple current
Up: Repetitive standard peak voltage (30 s)
Us: Repetitive surge voltage (0,1 s)
Do not overstep this value without damage.
PERMISSIBLE REPETITIVE PEAK CURRENT Ip:
If given permissible ripple currents are not exceeded,
and with a maximum ambient temperature of 40°C
Ip = 5700 A
PERMISSIBLE RIPPLE CURRENT I (R.M.S. VALUE)
versus frequency ƒ:
I ~: permissible r.m.s. current at 100 Hz
ƒ (Hz)
50
100
300
600
1 000
10 000
50 000
I
0,8 x I~
I~
1,2 x I~
1,3 x I~ 1,35 x I~ 1,5 x I~
1,6 x I~
MAXIMUM PERMISSIBLE RIPPLE CURRENT 150 A
For r.m.s. current above 80 A, standard cover with
Ø 13 aluminum terminals can be replaced by special cover
with Ø 18 aluminum terminals, on request.
EXPECTED LIFE
As a function of temperature and ripple current
Without
cooling
and without
radiator
Air cooling
without
radiator
0,2 - 0,5 m/s
With radiator and
thermal compound
and without water
cooling
With radiator
thermal
compound and
water cooling
K
0,5
0,6
1
1,3
Thermal
resistance
°C/W
4
2,5
1
0,6
UR ≤ 350 V: max 105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com