Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LASERIES Datasheet(PDF) 2 Page - Exxelia Group

Part # LASERIES
Description  Radial Molded Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

LASERIES Datasheet(HTML) 2 Page - Exxelia Group

  LASERIES Datasheet HTML 1Page - Exxelia Group LASERIES Datasheet HTML 2Page - Exxelia Group LASERIES Datasheet HTML 3Page - Exxelia Group LASERIES Datasheet HTML 4Page - Exxelia Group LASERIES Datasheet HTML 5Page - Exxelia Group LASERIES Datasheet HTML 6Page - Exxelia Group LASERIES Datasheet HTML 7Page - Exxelia Group LASERIES Datasheet HTML 8Page - Exxelia Group LASERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CERAMIC CAPACITORS
37
www.exxelia.com
General characteristics
Page revised 02/21
Sizes 1, 2, 3, 4, 5A, 5B, 5C
DIMENSIONS in inches (mm)
STANDARD RATINGS
Size
1
2
3
4
L max
0.178
(4.5)
0.197
(5)
0.237
(6)
0.319
(8.1)
W max
0.158
(4)
0.178
(4.5)
0.237
(6)
0.319
(8.1)
T max
0.107
(2.7)
0.119
(3)
0.119
(3)
0.119
(3)
X ± 0.016
(± 0.4)
0.1
(2.54)
0.1
(2.54)
0.2
(5.08)
0.2
(5.08)
Ø ± 10%
0.02
(0.5)
0.02
(0.5)
0.02
(0.5)
0.024
(0.6)
Temperature
coefficient
0±30.10–6
–750.10–6
–1500.10–6
0±30.10–6
–750.10–6
–1500.10–6
0±30.10–6
–750.10–6
–1500.10–6
0±30.10–6
–750.10–6
–1500.10–6
25V
-
-
33nF
to 100nF
-
-
-
-
-
-
-
-
-
50V
1pF
to 680pF
1nF
to 2.2nF
3.3nF
to 22nF
1nF
to 1.5nF
2.2nF
to 6.8nF
10nF
to 47nF
2.2nF
to 3.3nF
3.3nF
to 15nF
22nF
to 100nF
3.3nF
to 6.8nF
10nF
to 47nF
56nF
to 680nF
Size
5A
5B
5C
L max
0.3
(7.6)
0.3
(7.6)
0.315
(8)
W max
0.217
(5.5)
0.217
(5.5)
0.276
(7)
T max
0.099
(2.5)
0.197
(5)
0.296
(7.5)
X ± 0.016
(± 0.4)
0.2
(5.08)
0.2
(5.08)
0.2
(5.08)
Ø ± 10%
0.024
(0.6)
0.024
(0.6)
0.024
(0.6)
Temperature
coefficient
0±30.10–6
0±30.10–6
0±30.10–6
25V
-
-
47nF to 120nF
63V
4.7pF to 10nF
6.8nF to 47nF
-
Available capacitance values:
NPO: E6, E12, E24, E48, E96 (see page 14). Specific values upon request.
X7R: E6, E12, E24 (see page 14). Specific values upon request.
The above table defines the standard products, other components may be built upon request.
Radial Molded Capacitors
LA Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com