Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL7660CD Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL7660CD
Description  CMOS VOLTAGE CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7660CD Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL7660CD Datasheet HTML 4Page - Texas Instruments TL7660CD Datasheet HTML 5Page - Texas Instruments TL7660CD Datasheet HTML 6Page - Texas Instruments TL7660CD Datasheet HTML 7Page - Texas Instruments TL7660CD Datasheet HTML 8Page - Texas Instruments TL7660CD Datasheet HTML 9Page - Texas Instruments TL7660CD Datasheet HTML 10Page - Texas Instruments TL7660CD Datasheet HTML 11Page - Texas Instruments TL7660CD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
Theoretical Power Efficiency Considerations
Do's and Don'ts
TL7660
CMOS VOLTAGE CONVERTER
SCAS794 – JUNE 2006
APPLICATION INFORMATION (continued)
In theory, a voltage converter can approach 100% efficiency if certain conditions are met.
•
The driver circuitry consumes minimal power.
•
The output switches have extremely low ON resistance and virtually no offset.
•
The impedances of the pump and reservoir capacitors are negligible at the pump frequency.
The TL7660 approaches these conditions for negative voltage conversion if large values of C1 and C2 are used.
Energy is only lost in the transfer of charge between capacitors if a change in voltage occurs. The energy lost is
defined by:
E = ½ C1(V1
2 – V
2
2)
Where V1 and V2 are the voltages on C1 during the pump and transfer cycles. If the impedances of C1 and C2
are relatively high at the pump frequency (see Figure 2) compared to the value of RL, there is a substantial
difference in the voltages V1 and V2. Therefore, it is not only desirable to make C2 as large as possible to
eliminate output voltage ripple but also to employ a correspondingly large value for C1 in order to achieve
maximum efficiency of operation.
•
Do not exceed maximum supply voltages.
•
Do not connect LV terminal to GND for supply voltages greater than 3.5 V.
•
Do not short circuit the output to VCC supply for supply voltages above 5.5 V for extended periods, however,
transient conditions including start-up are okay.
•
When using polarized capacitors, the positive terminal of C1 must be connected to terminal 2 of the TL7660,
and the positive terminal of C2 must be connected to GND.
•
If the voltage supply driving the TL7660 has a large source impedance (25
Ω – 30 Ω), then a 2.2-µF
capacitor from terminal 8 to ground may be required to limit rate of rise of input voltage to less than 2V/
µs.
•
Ensure that the output (terminal 5) does not go more positive than GND (terminal 3). Device latch up occurs
under these conditions. A 1N914 or similar diode placed in parallel with C2 prevents the device from latching
up under these conditions (anode to terminal 5, cathode to terminal 3).
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com