Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2R02 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STTH2R02
Description  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02 Datasheet(HTML) 8 Page - STMicroelectronics

  STTH2R02 Datasheet HTML 1Page - STMicroelectronics STTH2R02 Datasheet HTML 2Page - STMicroelectronics STTH2R02 Datasheet HTML 3Page - STMicroelectronics STTH2R02 Datasheet HTML 4Page - STMicroelectronics STTH2R02 Datasheet HTML 5Page - STMicroelectronics STTH2R02 Datasheet HTML 6Page - STMicroelectronics STTH2R02 Datasheet HTML 7Page - STMicroelectronics STTH2R02 Datasheet HTML 8Page - STMicroelectronics STTH2R02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Ordering information
STTH2R02
8/9
4
Ordering information
5
Revision history
Part Number
Marking
Package
Weight
Base qty
Delivery mode
STTH2R02Q
STTH2R02
DO-15
0.4 g
1000
Ammopack
STTH2R02QRL
STTH2R02
DO-15
0.4 g
6000
Tape and reel
STTH2R02A
R2A
SMA
0.068 g
5000
Tape and reel
STTH2R02U
R2U
SMB
0.12 g
2500
Tape and reel
Date
Revision
Description of Changes
03-May-2006
1
First issue
13-Oct-2006
2
Maximum Tj set to 175° C for all packages in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com