Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2R02Q Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH2R02Q
Description  Ultrafast recovery diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R02Q Datasheet(HTML) 5 Page - STMicroelectronics

  STTH2R02Q Datasheet HTML 1Page - STMicroelectronics STTH2R02Q Datasheet HTML 2Page - STMicroelectronics STTH2R02Q Datasheet HTML 3Page - STMicroelectronics STTH2R02Q Datasheet HTML 4Page - STMicroelectronics STTH2R02Q Datasheet HTML 5Page - STMicroelectronics STTH2R02Q Datasheet HTML 6Page - STMicroelectronics STTH2R02Q Datasheet HTML 7Page - STMicroelectronics STTH2R02Q Datasheet HTML 8Page - STMicroelectronics STTH2R02Q Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH2R02
Ordering information scheme
5/9
L
2
Ordering information scheme
Figure 11.
Dynamic parameters versus
junction temperature
Figure 12.
Thermal resistance, junction to
ambient, versus copper surface
under each lead - SMA/SMB
(epoxy FR4, ecu = 35 µm)
Figure 13.
Thermal resistance, junction to
ambient, versus copper surface
under each lead DO-15
(epoxy FR4, ecu = 35 µm)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
150
Q
RR;IRM [Tj]/ QRR;IRM [Tj=125°C]
I
RM
Q
RR
I
F=2A
V
R=160V
Tj(°C)
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
SMA
SMB
SCU(cm²)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
th(j-a) (°C/W)
DO-15
SCU(cm²)
STTH
2 R
02 XXX
Ultrafast switching diode
Average forward current
2 = 2 A
02 = 200 V
Q = DO-15 in Ammopack
QRL = DO-15 in Tape and reel
A = SMA in Tape and reel
U = SMB in Tape and reel
Model R
Package
Repetitive peak reverse voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com