Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLM20
Description  Ultra-low Current 2.4V precision analog temperature sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLM20 Datasheet HTML 3Page - STMicroelectronics STLM20 Datasheet HTML 4Page - STMicroelectronics STLM20 Datasheet HTML 5Page - STMicroelectronics STLM20 Datasheet HTML 6Page - STMicroelectronics STLM20 Datasheet HTML 7Page - STMicroelectronics STLM20 Datasheet HTML 8Page - STMicroelectronics STLM20 Datasheet HTML 9Page - STMicroelectronics STLM20 Datasheet HTML 10Page - STMicroelectronics STLM20 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
STLM20
Transfer function
7/17
2
Transfer function
The STLM20’s transfer function can be described in different ways, with varying levels of
precision. A simple linear transfer function, with good accuracy near 25°C is expressed as:
Equation 1
Over the specified operating temperature range, the best accuracy can be obtained by using
the parabolic transfer function:
Equation 2
and solving for T:
Equation 3
The best fit linear transfer function for many popular temperature ranges was calculated in
Table 2, where the error introduced by the linear transfer function increases with wider
temperature ranges.
Table 2.
First order equations optimized for different temperature ranges
Temperature range
Linear equation
VO =
Maximum deviation of linear
equation from parabolic equation
(°C)
Tmin (°C)
Tmax (°C)
–55
130
–11.79mV/°C * T + 1.8528V
±1.41
–40
110
–11.77mV/°C * T + 1.8577V
±0.93
–30
100
–11.77mV/°C * T + 1.8605V
±0.70
–40
85
–11.67mV/°C * T + 1.8583V
±0.65
–10
65
–11.71mV/°C * T + 1.8641V
±0.23
35
45
–11.81mV/°C * T + 1.8701V
±0.004
20
30
–11.69mV/°C * T + 1.8663V
±0.004
V
O
11 69mV
∴
–
() ° CT 1 8663V
∴
+
×
⁄
=
V
O
388
∴
10
6
–
T
2
×
×
–
()
115
∴
–
10
2
–
T
×
×
() 1 8639
∴
++
=
T
1481 96
∴
–
21962
∴
10
6
1 8639
∴
V
O
–
()
388
∴
10
6
–
×
-----------------------------------
+
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com