Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLM20W8 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLM20W8
Description  Ultra-low Current 2.4V precision analog temperature sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM20W8 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLM20W8 Datasheet HTML 6Page - STMicroelectronics STLM20W8 Datasheet HTML 7Page - STMicroelectronics STLM20W8 Datasheet HTML 8Page - STMicroelectronics STLM20W8 Datasheet HTML 9Page - STMicroelectronics STLM20W8 Datasheet HTML 10Page - STMicroelectronics STLM20W8 Datasheet HTML 11Page - STMicroelectronics STLM20W8 Datasheet HTML 12Page - STMicroelectronics STLM20W8 Datasheet HTML 13Page - STMicroelectronics STLM20W8 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DC and AC characteristics
STLM20
10/17
4
DC and AC characteristics
This section summarizes the DC and AC characteristics of the device. The parameters in
the DC and AC characteristics table that follows are derived from tests performed under the
test conditions (see Table6 on page10). Designers should check that the operating
conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Table 6.
DC and AC characteristics
Sym
Description
Test condition(1)
1.
Valid for Ambient Operating Temperature: TA = –55 to 130°C or TA = –40 to 85°C; VCC = 2.7V (except
where noted).
Min
Typ(2)
2.
TJ = TA = 25°C.
Max
Unit
VCC
Supply voltage
TA = –30°C to 130°C
2.4
5.5
V
TA = –55°C to 130°C or
–40°C to 85°C
2.7
5.5
V
VO
Output voltage
TA = 0°C
1.8639
V
Temperature to voltage error(3)
VO = (–3.88E–6 * T2) +
(–1.15E–2 * T) + 1.8639V
3.
Error accuracy is between the measured and calculated output voltage at specified conditions of voltage,
current, and temperature.
TA = 25°C to 30°C
±1.5
°C
TA = 125°C to 130°C
±2.5
°C
TA = 80°C to 85°C
±2.1
°C
TA = 0°C
±1.9
°C
TA = –40°C
±2.3
°C
TA = –55°C
±2.5
°C
IQ
Quiescent current
2.4V
≤V
CC ≤5.5V
4.8
8
µA
Sensor gain (temperature
sensitivity or average slope),
VO = –11.77mV/°C * T + 1.860V
–30°C
≤T
A ≤100°C
–11.4 –11.77 –12.2
mV/°C
Non-linearity
–20°C
≤T
A ≤80°C
±0.4
%
∆I
Q
Change of quiescent current
2.4V
≤V
CC ≤5.5V
0.7
µA
TCVO
Temperature coefficient of
quiescent current
–11
nA/°C
ISD
Shutdown current
VCC ≤0.8V
0.02
µA
ZO
Output impedance
0µA
≤I
L ≤16µA
(4)(5)
4.
With negative current flowing into STLM20 and positive current flowing out, can typically sink less than 1µA
and source is 16µA.
5.
Over the supply range of 2.4 to 5.5V.
160
Ω
RegL
Load regulation(6)
6.
Measured at constant junction temperature, with pulse testing and low duty cycle. Output changes due to
heating may be calculated by multiplying internal dissipation by thermal resistance.
–2.5
mV
RegI1
Line regulation
2.4V
≤V
CC ≤5.0V
3.3
mV/V
RegI2
5.0V
≤V
CC ≤5.5V
11
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com